Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8639ARMZ
Description  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8639ARMZ Datasheet HTML 11Page - Analog Devices AD8639ARMZ Datasheet HTML 12Page - Analog Devices AD8639ARMZ Datasheet HTML 13Page - Analog Devices AD8639ARMZ Datasheet HTML 14Page - Analog Devices AD8639ARMZ Datasheet HTML 15Page - Analog Devices AD8639ARMZ Datasheet HTML 16Page - Analog Devices AD8639ARMZ Datasheet HTML 17Page - Analog Devices AD8639ARMZ Datasheet HTML 18Page - Analog Devices AD8639ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8638/AD8639
Rev. F | Page 15 of 20
INFRARED SENSORS
Infrared (IR) sensors, particularly thermopiles, are increasingly
used in temperature measurement for applications as wide
ranging as automotive climate control, human ear thermometers,
home insulation analysis, and automotive repair diagnostics.
The relatively small output signal of the sensor demands high
gain with very low offset voltage and drift to avoid dc errors.
If interstage ac coupling is used, as shown in Figure 52, low
offset and drift prevent the output of the input amplifier from
drifting close to saturation. The low input bias currents generate
minimal errors from the output impedance of the sensor.
Similar to pressure sensors, the very low amplifier drift with
time and temperature eliminates additional errors once the
system is calibrated at room temperature. The low 1/f noise
improves SNR for dc measurements taken over periods often
exceeding one-fifth of a second.
Figure 52 shows a circuit that can amplify ac signals from
100 μV to 300 μV up to the 1 V to 3 V levels, with a gain of
10,000 for accurate analog-to-digital conversions.
5V TO 16V
100k
Ω
10k
Ω
5V TO 16V
100µV TO 300µV
100
Ω
TO BIAS
VOLTAGE
10k
Ω
fC ≈ 1.6Hz
IR
DETECTOR
100k
Ω
10µF
1/2 AD8639
1/2 AD8639
Figure 52. AD8639 Used as a Preamplifier for Thermopile
PRECISION CURRENT SHUNT SENSOR
A precision current shunt sensor benefits from the unique
attributes of auto-zero amplifiers when used in a differencing
configuration, as shown in Figure 53. Current shunt sensors are
used in precision current sources for feedback control systems.
They are also used in a variety of other applications, including
battery fuel gauging, laser diode power measurement and
control, torque feedback controls in electric power steering, and
precision power metering.
RS
0.1
Ω
SUPPLY
I
RL
100
Ω
100k
Ω
C
5V TO 16V
100
Ω
100k
Ω
C
e = 1000 RS I =
100mV/mA
AD8638
Figure 53. Low-Side Current Sensing
In such applications, it is desirable to use a shunt with very low
resistance to minimize the series voltage drop; this minimizes
wasted power and allows the measurement of high currents
while saving power. A typical shunt may be 0.1 Ω. At measured
current values of 1 A, the output signal of the shunt is hundreds
of millivolts, or even volts, and amplifier error sources are not
critical. However, at low measured current values in the 1 mA
range, the 100 μV output voltage of the shunt demands a very low
offset voltage and drift to maintain absolute accuracy. Low input
bias currents are also needed to prevent injected bias current
from becoming a significant percentage of the measured current.
High open-loop gain, CMRR, and PSRR help to maintain the
overall circuit accuracy. With the extremely high CMRR of the
AD8638/AD8639, the CMRR is limited by the resistor ratio
matching. As long as the rate of change of the current is not too
fast, an auto-zero amplifier can be used with excellent results.
OUTPUT AMPLIFIER FOR HIGH PRECISION DACS
The AD8638/AD8639 can be used as output amplifiers for a
16-bit high precision DAC in a unipolar configuration. In this
case, the selected op amp needs to have very low offset voltage
(the DAC LSB is 38 μV when operating with a 2.5 V reference)
to eliminate the need for output offset trims. Input bias current
(typically a few tens of picoamperes) must also be very low
because it generates an additional offset error when multiplied
by the DAC output impedance (approximately 6 kΩ).
Rail-to-rail output provides full-scale output with very little
error. Output impedance of the DAC is constant and code-
independent, but the high input impedance of the AD8638/
AD8639 minimizes gain errors. The wide bandwidth of the
amplifier also serves well in this case. The amplifier, with a
settling time of 4 μs, adds another time constant to the system,
increasing the settling time of the output. For example, see
Figure 54. The settling time of the AD5541 is 1 μs. The
combined settling time is approximately 4.1 μs, as can be
derived from the following equation:
()
(
) ()2
2
8638
AD
t
DAC
t
TOTAL
t
S
S
S
+
=
AD5541/AD5542
ADR421
AD8638
DGND
*AD5542 ONLY
VDD
VOUT
REF(REFF*)
REFS*
SCLK
DIN
CS
AGND
5V
UNIPOLAR
OUTPUT
LDAC*
0.1µF
0.1µF
2.5V
62
4
0.1µF
SERIAL
INTERFACE
5V TO 16V
5V TO 16V
Figure 54. AD8638 Used as an Output Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com