Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQR3V3R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQR3V3R-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR3V3R-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQR3V3R-HF Datasheet HTML 1Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 2Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 3Page - Comchip Technology CPDQR3V3R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDQR3V3R-HF
SMD ESD Protection Diode
Page 1
Features
- Bi-directional ESD protection.
- Surface mount package.
- Ultra small SMD package:0402.
- High component density.
Mechanical data
- Case: 0402/SOD-923 standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
- Marking Code: E3
- Mounting position: Any.
- Weight: 0.001 gram(approx.).
Comchip Technology CO., LTD.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
REV: A
QW-G7044
0402/SOD-923F
RoHS Device
Halogen Free
Comchip
S M D D i o d e S p e c i a l i s t
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IR
uA
CT
pF
VR = 0V,f =1MHz
5.2
18
1.0
VR = 3.3V
ESD capability
kV
Storage temperature
Operation temperature
150
°C
TSTG
Tj
°C
150
-55
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
15
8
Reverse stand-off voltage
VRWM
V
3.3
Clamping voltage
V
VC
IPP=1A , tp=8/20us
IPP=2A , tp=8/20us
15.5
18
Peak pulse power
PPK
W
tp= 8/20
36


Similar Part No. - CPDQR3V3R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR3V3R-HF COMCHIP-CPDQR3V3R-HF Datasheet
95Kb / 4P
SMD ESD Protection Diode
CPDQR3V3R-HF COMCHIP-CPDQR3V3R-HF_15 Datasheet
95Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDQR3V3R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com