Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9754ARURL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9754ARURL7
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754ARURL7 Datasheet(HTML) 3 Page - Analog Devices

  AD9754ARURL7 Datasheet HTML 1Page - Analog Devices AD9754ARURL7 Datasheet HTML 2Page - Analog Devices AD9754ARURL7 Datasheet HTML 3Page - Analog Devices AD9754ARURL7 Datasheet HTML 4Page - Analog Devices AD9754ARURL7 Datasheet HTML 5Page - Analog Devices AD9754ARURL7 Datasheet HTML 6Page - Analog Devices AD9754ARURL7 Datasheet HTML 7Page - Analog Devices AD9754ARURL7 Datasheet HTML 8Page - Analog Devices AD9754ARURL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
125
MSPS
Output Settling Time (tST) (to 0.1%)
1
35
ns
Output Propagation Delay (tPD)1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (10% to 90%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
pA/
√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
0 dBFS Output
TA = +25
°C
75
86
dBc
–6 dBFS Output
86
dBc
–12 dBFS Output
78
dBc
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
82
dBc
fCLOCK = 50 MSPS; fOUT = 2.51 MHz
81
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz
77
dBc
fCLOCK = 50 MSPS; fOUT = 20.2 MHz
63
dBc
fCLOCK = 100 MSPS; fOUT = 10 MHz
68
73
dBc
Spurious-Free Dynamic Range within a Window
fCLOCK = 25 MSPS; fOUT = 1.00 MHz; 2 MHz Span
84
93
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
86
dBc
fCLOCK = 100 MSPS; fOUT = 5.04 MHz; 4 MHz Span
86
dBc
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
TA = +25
°C
–83
–75
dBc
fCLOCK = 50 MHz; fOUT = 2.00 MHz
–78
dBc
fCLOCK = 100 MHz; fOUT = 2.00 MHz
–78
dBc
Multitone Power Ratio (8 Tones at 110 kHz Spacing)
fCLOCK = 20 MSPS; fOUT = 2.00 MHz to 2.99 MHz
0 dBFS Output
85
dBc
–6 dBFS Output
84
dBc
–12 dBFS Output
87
dBc
–18 dBFS Output
88
dBc
NOTES
1Measured single-ended into 50
Ω load.
Specifications subject to change without notice.
(TMIN to TMAX , AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, Differential Transformer Coupled Output,
50
Doubly Terminated, unless otherwise noted)
AD9754
–3–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com