Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9863-50EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9863-50EBZ
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9863-50EBZ Datasheet HTML 17Page - Analog Devices AD9863-50EBZ Datasheet HTML 18Page - Analog Devices AD9863-50EBZ Datasheet HTML 19Page - Analog Devices AD9863-50EBZ Datasheet HTML 20Page - Analog Devices AD9863-50EBZ Datasheet HTML 21Page - Analog Devices AD9863-50EBZ Datasheet HTML 22Page - Analog Devices AD9863-50EBZ Datasheet HTML 23Page - Analog Devices AD9863-50EBZ Datasheet HTML 24Page - Analog Devices AD9863-50EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9863
Rev. A | Page 21 of 40
this architecture, the AD9863 offers programmable (via the SPI
port), fine (trim) gain and offset adjustment for each DAC.
Also included in the AD9863 are a phase-locked loop (PLL)
clock multiplier and a 1.2 V band gap voltage reference. With
the PLL enabled, a clock applied to the CLKIN2 input is
multiplied internally and generates all necessary internal
synchronization clocks. Each 12-bit DAC provides two
complementary current outputs whose full-scale currents can
be determined from a single external resistor.
An external pin, TxPWRDWN, can be used to power down the
Tx path when not in use, optimizing system power consumption.
Using the TxPWRDWN pin disables clocks and some analog
circuitry, saving both digital and analog power. The power-
down mode leaves the biases enabled to facilitate a quick recov-
ery time, typically <10 µs. In addition, a sleep mode is available
that turns off the DAC output current but leaves all other
circuits active for a modest power savings. An SPI-compliant
serial port is used to program the many features of the AD9863.
Note that in power-down mode, the SPI port is still active.
DAC Equivalent Circuits
The AD9863 Tx path, consisting of dual 12-bit DACs, is shown
in Figure 50. The DACs integrate a high performance TxDAC
core, a programmable gain control through a programmable
gain amplifier (TxPGA), coarse gain control, and offset adjust-
ment and fine gain control to compensate for system mismatches.
Coarse gain applies a gross scaling to either DAC by 1×, (1/2)×,
or (1/11)×. The TxPGA provides gain control from 0 dB to
–20 dB in steps of 0.1 dB and is controlled via the 8-bit TxPGA
setting. A fine gain adjustment of ±4% for each channel is con-
trolled through a 6-bit fine gain register. By default, coarse gain
is 1×, the TxPGA is set to 0 dB, and the fine gain is set to 0%.
The TxDAC core of the AD9863 provides dual, differential,
complementary current outputs generated from the 12-bit data.
The 12-bit dual DACs support update rates up to 200 MSPS.
The differential outputs (IOUT+ and IOUT–) of each dual DAC
are complementary, meaning that they always add up to the
full-scale current output of the DAC, IOUTFS. Optimum ac
performance is achieved when the differential current interface
drives balanced loads or a transformer.
REFERENCE
BIAS
IOUT+A
PGA
IOUT–A
+
+
+
+
TxDAC
OFFSET
DAC
IOUT+B
PGA
IOUT–B
+
+
+
+
TxDAC
OFFSET
DAC
Figure 50. TxDAC Output Structure Block Diagram
The fine gain control provides improved balance of QAM
modulated signals, resulting in improved modulation accuracy
and image rejection.
The independent DAC A and DAC B offset control adds a small
dc current to either IOUT+ or IOUT– (not both). The selection
of which IOUT this offset current is directed toward is
programmable via register setting. Offset control can be used
for suppression of a LO leakage signal that typically results at
the output of the modulator. If the AD9863 is dc-coupled to an
external modulator, this feature can be used to cancel the output
offset on the AD9863 as well as the input offset on the
modulator. The reference circuitry is shown in Figure 51.
DAC A AND DAC B
REFERENCE BIASES
FSADJ
REFIO
0.1
µFR
SET ≥ 4kΩ
CURRENT
SOURCE ARRAY
IOUTFSMAX
IREF
1.2V
REFERENCE
Figure 51. Reference Circuitry
Referring to the transfer function of the following equation,
IOUTFSMAX is the maximum current output of the DAC with the
default gain setting (0 dB) and is based on a reference current,
IREF. IREF is set by the internal 1.2 V reference and the external
RSET resistor.
IOUTFSMAX = 64 × (REFIO/RSET)
Typically, RSET is 4 kΩ, which sets IOUTFSMAX to 20 mA, the
optimal dynamic setting for the TxDACs. Increasing RSET by a
factor of 2 proportionally decreases IOUTFSMAX by a factor of 2.
IOUTFSMAX of each DAC can be rescaled either simultaneously,
using the TxPGA gain register, or independently, using the
DAC A/DAC B coarse gain registers.
The TxPGA function provides 20 dB of simultaneous gain
range for both DACs, and it is controlled by writing to the SPI
register TxPGA gain for a programmable full-scale output of
10% to 100% of IOUTFSMAX. The gain curve is linear in dB, with steps
of about 0.1 dB. Internally, the gain is controlled by changing the
main DAC bias currents with an internal TxPGA DAC whose
output is heavily filtered via an on-chip R-C filter to provide
continuous gain transitions. Note that the settling time and
bandwidth of the TxPGA DAC can be improved by a factor of 2
by writing to the TxPGA fast update register.
Each DAC has independent coarse gain control. Coarse gain
control can be used to accommodate different IOUTFS from the dual
DACs. The coarse full-scale output control can be adjusted by using
the DAC A/DAC B coarse gain registers to 1/2 or 1/11 of the
nominal full-scale current.
Fine gain controls and dc offset controls can be used to
compensate for mismatches (for system level calibration),
allowing improved matching characteristics of the two Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com