Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX202C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX202C/D Datasheet HTML 8Page - Maxim Integrated Products MAX202C/D Datasheet HTML 9Page - Maxim Integrated Products MAX202C/D Datasheet HTML 10Page - Maxim Integrated Products MAX202C/D Datasheet HTML 11Page - Maxim Integrated Products MAX202C/D Datasheet HTML 12Page - Maxim Integrated Products MAX202C/D Datasheet HTML 13Page - Maxim Integrated Products MAX202C/D Datasheet HTML 14Page - Maxim Integrated Products MAX202C/D Datasheet HTML 15Page - Maxim Integrated Products MAX202C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
MAX203 Pin Configurations/Typical Operating Circuit
TOP VIEW
+5V INPUT
GND
GND
T1OUT
R2IN
T2OUT
+5V
+5V
5kI
5kI
T1IN
400kI
400kI
T2IN
R2OUT
C1+
C2+
C2+
C2-
C2-
6
9
7
C1-
V-
V-
V+
2
1
20
8 (13)
DO NOT MAKE
CONNECTION TO
THESE PINS
INTERNAL -10V
POWER SUPPLY
INTERNAL +10V
POWER SUPPLY
13 (14)
12 (10)
14 (8)
17
R1OUT
3
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
19
11 (12)
15
16
10 (11)
R1IN 4
18
5
T1
T2
R1
R2
VCC
DIP
20
19
18
17
16
15
14
1
2
3
4
5
6
7
R2OUT
R2IN
T2OUT
V-
R1IN
R1OUT
T1IN
T2IN
MAX203
MAX203
C2-
C2+
V+
VCC
GND
13
8
C1-
C1+
12
9
V-
GND
11
10
C2+
C2-
T1OUT
SO
20
19
18
17
16
15
14
1
2
3
4
5
6
7
R2OUT
R2IN
T2OUT
V-
R1IN
R1OUT
T1IN
T2IN
MAX203
C2-
C2+
C1-
VCC
GND
13
8
C1+
V+
12
9
C2+
GND
11
10
C2-
V-
T1OUT
0.1FF
NOTE: PIN NUMBERS IN ( ) ARE FOR SO PACKAGE.
MAX200–MAX209/MAX211/MAX213
12
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com