Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX774CPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX774CPA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774CPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX774CPA Datasheet HTML 1Page - Maxim Integrated Products MAX774CPA Datasheet HTML 2Page - Maxim Integrated Products MAX774CPA Datasheet HTML 3Page - Maxim Integrated Products MAX774CPA Datasheet HTML 4Page - Maxim Integrated Products MAX774CPA Datasheet HTML 5Page - Maxim Integrated Products MAX774CPA Datasheet HTML 6Page - Maxim Integrated Products MAX774CPA Datasheet HTML 7Page - Maxim Integrated Products MAX774CPA Datasheet HTML 8Page - Maxim Integrated Products MAX774CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ to OUT ...........................................................................21V
V+ to GND ..............................................................-0.3V, +17V
OUT to GND ........................................................-0.3V, to -17V
REF, SHDN, FB, CS...................................-0.3V to (V+ + 0.3V)
EXT ...............................................(VOUT - 0.3V) to (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges:
MAX77_C_ _ .........................................................0°C to +70°C
MAX77_E_ _ ......................................................-40°C to +85°C
MAX77_MJA ...................................................-55°C to +125°C
Maximum Junction Temperatures:
MAX77_C_ _/E_ _ ...........................................................+150°C
MAX77_MJA..................................................................+175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 5V, ILOAD = 0mA, CREF = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
Output Voltage Line Regulation
(Circuit of Figure 2—
Bootstrapped)
MIN
TYP
MAX
UNITS
V+ Input Voltage Range
V+
3.0
16.5
V
Supply Current
V+ = 16.5V, SHDN
≤ 0.4V (operating)
MAX774, 4V
≤ V+ ≤ 15V, ILOAD = 0.5A
100
µA
0.035
mV/V
V+ = 10V, SHDN
≥ 1.6V (shutdown)
25
MAX776, 4V
≤ V+ ≤ 6V, ILOAD = 0.1A
0.137
V+ = 16.5V, SHDN
≥ 1.6V (shutdown)
4
FB Trip Point
3V
≤ V+ ≤ 16.5V
-10
10
mV
FB Input Current
IFB
MAX77_C
MAX775, 4V
≤ V+ ≤ 8V, ILOAD = 0.2A
±50
nA
0.088
MAX77_E
±70
MAX775, 0mA
≤ ILOAD ≤ 500mA, V+ = 5V
1.5
MAX77_M
±90
Output Voltage Load Regulation
(Circuit of Figure 2—
Bootstrapped)
Output Voltage
VOUT
MAX774
-4.80
-5
-5.20
V
MAX774, 0A
≤ ILOAD ≤ 1A, V+ = 5V
1.5
MAX775
mV/A
-11.52
-12
-12.48
MAX776, 0mA
≤ ILOAD ≤ 400mA, V+ = 5V
MAX776
1.0
-14.40
-15
-15.60
Reference Voltage
VREF
IREF = 0µA
MAX77_C
1.4700
1.5
1.5300
V
MAX77_E
1.4625
1.5
1.5375
MAX77_M
1.4550
1.5
1.5450
REF Load Regulation
0µA
≤ IREF ≤ 100µA
MAX77_C/E
410
mV
MAX77_M
415
REF Line Regulation
3V
≤ V+ ≤ 16.5V
40
100
µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com