Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX774C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX774C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX774C/D Datasheet HTML 8Page - Maxim Integrated Products MAX774C/D Datasheet HTML 9Page - Maxim Integrated Products MAX774C/D Datasheet HTML 10Page - Maxim Integrated Products MAX774C/D Datasheet HTML 11Page - Maxim Integrated Products MAX774C/D Datasheet HTML 12Page - Maxim Integrated Products MAX774C/D Datasheet HTML 13Page - Maxim Integrated Products MAX774C/D Datasheet HTML 14Page - Maxim Integrated Products MAX774C/D Datasheet HTML 15Page - Maxim Integrated Products MAX774C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
To choose the proper current-sense resistor, simply fol-
low the two-step procedure outlined below:
1) Determine:
• Input voltage range, V+
• Maximum (absolute) output voltage, VOUT
• Maximum output current, ILOAD
For example, let V+ range from 4V to 6V, and
choose VOUT = -24V and IOUT = 150mA.
2) Next, referring to Figure 9, find the curve with the
lowest current limit whose output current (with the
lowest input voltage) meets your requirements.
In our example, a curve where IOUT is >150mA with a
4V input and a -24V output is optimal.
The RSENSE = 80m
Ω (Figure 9) shows only approxi-
mately 125mA of output current with a 4V input, so we
look next at the RSENSE = 70m
Ω line. It shows IOUT
>150mA for V+ = 4V and VOUT = -24V. The current limit
will be 0.210V / 0.070
Ω = 3A. These curves take into
account worst-case inductor (±10%) and current-
sense trip levels, but not sense-resistor tolerance. The
switch on resistance is 70m
Ω.
Standard wire-wound and metal-film resistors have
an inductance high enough to degrade performance.
Metal-film resistors are usually deposited on a ceramic
rod in a spiral, making their inductances relatively high.
Surface-mount (or chip) resistors have very little induc-
tance and are well suited for use as current-sense
resistors. To use through-hole resistors, IRC has a wire
resistor that is simply a band of metal shaped as a “U”
so that inductance is less than 10nH (an order of mag-
nitude less than metal-film resistors). These are avail-
able in resistance values between 5m
Ω and 0.1Ω.
External Switching Transistor
The MAX774/MAX775/MAX776 are capable of driving
P-channel enhancement-mode MOSFET transistors only.
The choice of power transistor is dictated by input and
output voltage, peak current rating, on-resistance, gate-
source threshold, and gate capacitance. The drain-to-
source rating must be greater than the V+ - VOUT
input-to-output voltage differential. The gate-to-source
rating must be greater than V+ (the source voltage) plus
the absolute value of the most negative swing of EXT.
For bootstrapped operation, the most negative swing of
EXT is VOUT. In nonbootstrapped operation, this may be
ground or some other negative voltage. Gate capaci-
tance is not normally a limiting factor, but values should
be less than 1nF for best efficiency. For maximum effi-
ciency, the MOSFET should have a very-low on-resis-
tance at the peak current and be capable of handling
that current. The transistor chosen for the typical operat-
ing circuit has a 30V drain-source voltage limit and a
0.07
Ω drain-source on-resistance at VGS = -10V.
Table 1 lists suppliers of switching transistors suitable
for use with the MAX774/MAX775/MAX776.
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
______________________________________________________________________________________
13
Figure 8. MAX776 Maximum Output Current vs. Input Voltage
(VOUT = -15V)
Figure 9. MAX774/MAX775/MAX776 Maximum Output Current
vs. Input Voltage (VOUT = -24V)
100
INPUT VOLTAGE (V)
200
300
400
500
600
700
34
5
6
7
RSENSE = 0.05
Ω
RSENSE = 0.06
Ω
RSENSE = 0.07
Ω
RSENSE = 0.08
Ω
RSENSE = 0.09
Ω
VOUT = -15V
INPUT VOLTAGE (V)
0
3 4
5
678
9 10 11 12 13 14 15
200
400
600
800
RSENSE = 0.05
Ω
RSENSE = 0.06
Ω
RSENSE = 0.07
Ω
RSENSE = 0.08
Ω
RSENSE = 0.09
Ω
VOUT = -24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com