Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887APCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Display
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 15Page - Analog Devices AD9887APCB Datasheet HTML 16Page - Analog Devices AD9887APCB Datasheet HTML 17Page - Analog Devices AD9887APCB Datasheet HTML 18Page - Analog Devices AD9887APCB Datasheet HTML 19Page - Analog Devices AD9887APCB Datasheet HTML 20Page - Analog Devices AD9887APCB Datasheet HTML 21Page - Analog Devices AD9887APCB Datasheet HTML 22Page - Analog Devices AD9887APCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9887A
Rev. B | Page 19 of 52
ADC
DAC
DAC
OFFSET
REF
x1.2
IN
CLAMP
VOFF
7
GAIN
8
8
Figure 5. ADC Block Diagram (Single-Channel Output)
GAIN
0xFF
0x00
1.0
0.5
0
OFFSET = 0x00
OFFSET = 0x3F
OFFSET = 0x7F
OFFSET = 0x00
OFFSET = 0x7F
OFFSET = 0x3F
Figure 6. Gain and Offset Control
1V
VOFF
(128 CODES)
0.5V
VOFF
(128 CODES)
0V
0V
Figure 7. Relationship of Offset Range to Input Range
SYNC-ON-GREEN INPUT
The sync-on-green input operates in two steps. First, with the
aid of a negative peak detector, it sets a baseline clamp level
from the incoming video signal. Second, it sets the sync trigger
level (nominally 150 mV above the negative peak). The exact
trigger level is variable and can be programmed via Register 0x11.
The sync-on-green input must be ac-coupled to the green analog
input through its own capacitor, as shown in Figure 8.
The value of the capacitor must be 1 nF ± 20%. If sync-on-green
is not used, this connection is not required and SOGIN should
be left unconnected. (Note that the sync-on-green signal is always
negative polarity.) See the Theory of Operation—Sync Processing
section for more information.
GAIN
SOGIN
1nF
RAIN
47nF
BAIN
47nF
47nF
Figure 8. Typical Clamp Configuration for RGB and YUV Applications
CLOCK GENERATION
A phase-locked loop (PLL) is used to generate the pixel clock.
The HSYNC input provides a reference frequency for the PLL.
A voltage-controlled oscillator (VCO) generates a much higher
pixel clock frequency. This is divided by the PLL divide value
(MSBs in Register 0x01 and LSBs in Register 0x02) and phase
compared with the HSYNC input. Any error is used to shift the
VCO frequency and maintain lock between the two signals.
The stability of this clock is important for providing the clearest,
most stable image. During each pixel time, there is a period when
the signal slews from the old pixel amplitude and settles at its
new value. Then, the input voltage is stable until the signal slews
to a new value (see Figure 9). The ratio of the slewing time to the
stable time is a function of the bandwidth of the graphics DAC,
the bandwidth of the transmission system (cable and termination),
and the overall pixel rate. Clearly, if the dynamic characteristics
of the system remain fixed, the slewing and settling times are
likewise fixed. Subtract these times from the total pixel period to
determine the stable period. At higher pixel frequencies, both the
total cycle time and stable pixel time are shorter.
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 9. Pixel Sampling Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com