Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-1ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4891-1ARZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-1ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4891-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4891-1ARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADA4891-1/ADA4891-2
Rev. A | Page 18 of 20
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0°
0.40
6°
0.80
0.55
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
0.23
COPLANARITY
0.10
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 57. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4891-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-1ARJZ-R7
−40°C to +125°C
5-Lead SOT-23, 7”Tape and Reel
RJ-5
H1W
ADA4891-1ARJZ-RL
−40°C to +125°C
5-Lead SOT-23, 13”Tape and Reel
RJ-5
H1W
ADA4891-2ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-2ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-2ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
H1U
ADA4891-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H1U
ADA4891-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H1U
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com