Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752A Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7752A
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752A Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7752A Datasheet HTML 14Page - Analog Devices ADE7752A Datasheet HTML 15Page - Analog Devices ADE7752A Datasheet HTML 16Page - Analog Devices ADE7752A Datasheet HTML 17Page - Analog Devices ADE7752A Datasheet HTML 18Page - Analog Devices ADE7752A Datasheet HTML 19Page - Analog Devices ADE7752A Datasheet HTML 20Page - Analog Devices ADE7752A Datasheet HTML 21Page - Analog Devices ADE7752A Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 18 of 24
DIGITAL-TO-FREQUENCY CONVERSION
After multiplication, the digital output of the low-pass filter
contains the real power information of each phase. Because this
LPF is not an ideal brick wall filter implementation, however,
the output signal also contains attenuated components at the
line frequency and its harmonics (cos(hωt), where h = 1, 2, 3,
and so on).
power signal. The average value of a sinusoidal signal is zero.
Thus, the frequency generated by the ADE7752 is proportional
to the average real power. Figure 27 shows the digital-to-
frequency conversion for steady load conditions, constant
voltage, and current.
Figure 27
As can be seen in
The magnitude response of the filter is given by
()
2
8
1
1
|
|
⎭
⎬
⎫
⎩
⎨
⎧
+
=
f
f
H
(8)
, the frequency output CF varies
over time, even under steady load conditions. This frequency
variation is primarily due to the cos(2ωt) components in the
instantaneous real power signal. The output frequency on CF
can be up to 160 times higher than the frequency on F1 and F2.
The higher output frequency is generated by accumulating the
instantaneous real power signal over a much shorter time, while
converting it to a frequency. This shorter accumulation period
means less averaging of the cos(2ωt) component. As a conse-
quence, some of this instantaneous power signal passes through
the digital-to-frequency conversion. This is not a problem in
the application. Where CF is used for calibration purposes, the
frequency should be averaged by the frequency counter. This
removes any ripple. If CF is being used to measure energy, such
as in a microprocessor-based application, the CF output should
also be averaged to calculate power. Because the outputs F1 and
F2 operate at a much lower frequency, much more averaging of
the instantaneous real power signal is carried out. The result is a
greatly attenuated sinusoidal content and a virtually ripple-free
frequency output.
where the −3 dB cutoff frequency of the low-pass filter is 8 Hz.
For a line frequency of 50 Hz, this would give an attenuation of
the 2ω(100 Hz) component of approximately –22 dB. The
dominating harmonic is twice the line frequency, cos(2ωt), due
to the instantaneous power signal. Figure 27 shows the
instantaneous real power signal at the output of the CF, which
still contains a significant amount of instantaneous power
information, cos (2ωt).
This signal is then passed to the digital-to-frequency converter
where it is integrated (accumulated) over time to produce an
output frequency. This accumulation of the signal suppresses or
averages out any non-dc component in the instantaneous real
LPF TO EXTRACT
REAL POWER
(DC TERM)
Σ
Σ
MULTIPLIER
LPF
MULTIPLIER
LPF
MULTIPLIER
LPF
Σ
DIGITAL-TO-
FREQUENCY
DIGITAL-TO-
FREQUENCY
F1
F2
CF
VA
IA
VB
IB
VC
IC
CF
TIME
F1
ω
cos(2
ωt)
ATTENUATED BY LPF
2
ω
FREQUENCY – RAD/S
2
V
× I
0
INSTANTANEOUS REAL POWER SIGNAL
(FREQUENCY DOMAIN)
|X|
|X|
|X|
ABS
TIME
Figure 27. Real Power-to-Frequency Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com