Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 13Page - Analog Devices ADE7752 Datasheet HTML 14Page - Analog Devices ADE7752 Datasheet HTML 15Page - Analog Devices ADE7752 Datasheet HTML 16Page - Analog Devices ADE7752 Datasheet HTML 17Page - Analog Devices ADE7752 Datasheet HTML 18Page - Analog Devices ADE7752 Datasheet HTML 19Page - Analog Devices ADE7752 Datasheet HTML 20Page - Analog Devices ADE7752 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 17 of 24
POWER SUPPLY MONITOR
The ADE7752 contains an on-chip power supply monitor. The
power supply (VDD) is continuously monitored by the ADE7752.
If the supply is less than 4 V ± 5%, the outputs of the ADE7752
are inactive. This is useful to ensure correct device startup at
power-up and power-down. The power supply monitor has
built-in hysteresis and filtering. This gives a high degree of
immunity to false triggering due to noisy supplies.
As can be seen from Figure 23, the trigger level is nominally set
at 4 V. The tolerance on this trigger level is about ±5%. The
power supply and decoupling for the part should be such that
the ripple at VDD does not exceed 5 V ± 5% as specified for
normal operation.
HPF AND OFFSET EFFECTS
Figure 25 shows the effect of offsets on the real power calcula-
tion. As can be seen, an offset on the current channel and
voltage channel contribute a dc component after multiplication.
Since this dc component is extracted by the LPF and is used to
generate the real power information for each phase, the offsets
contribute a constant error to the total real power calculation.
This problem is easily avoided by the HPF in the current
channels. By removing the offset from at least one channel, no
error component can be generated at dc by the multiplication.
Error terms at cos(ωt) are removed by the LPF and the digital-
to-frequency conversion. See the Digital-to-Frequency
Conversion section.
()
{}
()
{}
()
( )
()
t
ω
I
V
t
ω
V
I
t
ω
I
V
I
V
I
V
I
t
ω
I
V
t
ω
V
OS
OS
OS
OS
OS
OS
2
cos
2
cos
cos
2
cos
cos
×
×
+
×
+
×
+
×
+
×
=
+
×
+
The HPFs in the current channels have an associated phase
response that is compensated for on-chip. Figure 24 and
Figure 26 show the phase error between channels with the
compensation network. The ADE7752 is phase compensated
up to 1 kHz as shown. This ensures correct active harmonic
power calculation even at low power factors.
VDD
5V
4V
0V
INTERNAL
RESET
INACTIVE
TIME
ACTIVE
INACTIVE
ω
VOS × IOS
IOS × V
VOS × I
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
2
ω
FREQUENCY – RAD/S
2
V
× I
0
Figure 23. On-Chip Power Supply Monitor
Figure 25. Effect of Channel Offset on the Real Power Calculation
FREQUENCY (Hz)
0.07
0.06
–0.01
0
1000
200
400
600
800
0.03
0.02
0.01
0
0.05
0.04
100
300
500
700
900
FREQUENCY (Hz)
0.010
0.008
–0.004
40
70
45
50
0.002
0
–0.002
0.006
0.004
55
60
65
Figure 24. Phase Error Between Channels (0 Hz to 1 kHz)
Figure 26. Phase Error Between Channels (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com