Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752A Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7752A
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7752A Datasheet HTML 16Page - Analog Devices ADE7752A Datasheet HTML 17Page - Analog Devices ADE7752A Datasheet HTML 18Page - Analog Devices ADE7752A Datasheet HTML 19Page - Analog Devices ADE7752A Datasheet HTML 20Page - Analog Devices ADE7752A Datasheet HTML 21Page - Analog Devices ADE7752A Datasheet HTML 22Page - Analog Devices ADE7752A Datasheet HTML 23Page - Analog Devices ADE7752A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 21 of 24
Table 6 shows a complete listing of all maximum output
frequencies when using all three channel inputs.
As the voltage and current inputs respect Equations 5 and 6, the
total real power (P) is
() (
) () (
)
()
()
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
+
×
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
−
×
×
=
−
×
−
+
−
−
=
3
2
cos
2
3
4
cos
2
3
2
cos
2
cos
2
3
4
cos
2
cos
2
π
ω
π
ω
π
ω
ω
π
ω
ω
t
I
t
V
v
t
V
t
I
t
V
t
V
P
I
I
V
V
I
I
V
V
P
l
B
l
C
l
B
l
A
l
C
l
A
BN
BP
C
B
AN
AP
C
A
Table 6. Maximum Output Frequency on F1 and F2
For simplification, assume that ϕA = ϕB = ϕ
B
C
= 0 and
VA = VB
B
= VC = V. The preceding equation becomes:
()
()
⎟
⎠
⎞
⎜
⎝
⎛
+
×
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
×
+
×
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
×
=
3
2
cos
sin
3
sin
2
cos
3
2
sin
3
2
sin
2
π
t
ω
π
t
ω
π
I
V
t
ω
π
t
ω
π
I
V
P
l
l
B
l
l
A
(9)
P then becomes:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
+
⎟
⎠
⎞
⎜
⎝
⎛
×
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
+
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
3
2
sin
3
sin
3
2
2
sin
3
2
sin
π
ω
π
π
ω
π
t
I
V
t
I
V
P
l
B
BN
l
A
AN
(10)
where VAN = V × sin(2π/3) and VBN = V × sin(π/3).
As the LPF on each channel eliminates the 2ωl component of
the equation, the real power measured by the ADE7752 is
2
3
2
3
×
×
+
×
×
=
B
BN
A
AN
I
V
I
V
P
If full-scale ac voltage of ±500 mV peak is applied to the voltage
channels and current channels, the expected output frequency
is calculated as follows:
value
reference
nominal
V
4
.
2
0
2
5
.
0
500
1
1
0
,
60
.
0
7
1
=
=
=
=
=
=
=
=
=
=
=
=
=
−
REF
C
CN
C
B
A
BN
AN
V
I
V
rms
ac
peak
I
I
I
V
V
S
S
SCF
F
V
V
m
Hz
Note that if the on-chip reference is used, actual output fre-
quencies may vary from device to device due to reference
tolerance of ±8%.
Hz
139
.
0
2
3
4
.
2
2
2
60
.
0
5
.
0
5
.
0
181
.
6
2
2
=
×
×
×
×
×
×
×
=
Freq
SCF
S1
S0
Max Frequency for
AC Inputs (Hz)
Max Frequency for
DC Inputs (Hz)
1.02
0
0
0
0.51
1
0
0
0.48
0.96
0
0
1
2.04
4.09
1
0
1
1.91
3.84
0
1
0
7.67
15.35
1
1
0
7.67
15.35
0
1
1
30.70
61.4
0.48
1
1
1
0.24
FREQUENCY OUTPUT CF
The pulse output calibration frequency (CF) is intended for use
during calibration. The output pulse rate on CF can be up to
160 times the pulse rate on F1 and F2. The lower the F1–7
frequency selected, the higher the CF scaling. Table 7 shows
how the two frequencies are related, depending on the states of
the logic inputs S0, S1, and SCF. Because of its relatively high
pulse rate, the frequency at this logic output is proportional to
the instantaneous real power. As with F1 and F2, the frequency
is derived from the output of the low-pass filter after multiplica-
tion. However, because the output frequency is high, this real
power information is accumulated over a much shorter time.
Thus, less averaging is carried out in the digital-to-frequency
conversion. With much less averaging of the real power signal,
the CF output is much more responsive to power fluctuations.
See Figure 15.
Table 7. Maximum Output Frequency on CF
SCF
S1
S0
F1–7 (Hz)
CF Max for AC Signals (Hz)
0
0
0
1.27
160 × F1, F2 = 81.87
1
0
0
1.19
8 × F1, F2 = 3.83
0
0
1
5.09
160 × F1, F2 = 327.46
1
0
1
4.77
16 × F1, F2 = 30.70
0
1
0
19.07
16 × F1, F2 = 122.81
1
1
0
19.07
8 × F1, F2 = 61.40
0
1
1
76.29
8 × F1, F2 = 245.61
1
1
1
0.60
16 × F1, F2 = 3.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com