Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG511 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG511
Description  a LC2MOS Precision 5 V/3 V Quad SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG511 Datasheet HTML 3Page - Analog Devices ADG511 Datasheet HTML 4Page - Analog Devices ADG511 Datasheet HTML 5Page - Analog Devices ADG511 Datasheet HTML 6Page - Analog Devices ADG511 Datasheet HTML 7Page - Analog Devices ADG511 Datasheet HTML 8Page - Analog Devices ADG511 Datasheet HTML 9Page - Analog Devices ADG511 Datasheet HTML 10Page - Analog Devices ADG511 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
0
–5
5
–4
–3
–2
–1
0
1
234
30
20
10
TA = 25 C
VDD = +3V
VSS = –3V
VDD = +5V
VSS = –5V
TPC 1. On Resistance as a Function of VD (VS) Dual
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
0
–55
–4
–3
–2
–1
0
1
234
30
20
10
VDD = +5V
VSS = –5V
125 C
85 C
25 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
90
80
20
05
1
234
60
50
40
30
70
TA = 25 C
VDD = 3V
VSS = 0V
VDD = 5V
VSS = 0V
TPC 3. On Resistance as a Function of VD (VS)
Single Supply
Typical Performance Characteristics–ADG511/ADG512/ADG513
REV. C
–7–
FREQUENCY – Hz
10mA
10 A
10nA
10M
10
100
1k
10k
100k
1M
1mA
100 A
1 A
100nA
VDD = +5V
VSS = –5V
I–, I+
1 SW
4 SW
TPC 4. Supply Current vs. Input Switching Frequency
TEMPERATURE – C
10
1
0.001
25
125
35
45
55
65
75
85
95
105
115
0.1
0.01
VDD = +5V
VSS = –5V
VS = 5V
VD = 5V
ID (OFF)
ID (ON)
IS (OFF)
TPC 5. Leakage Currents as a Function of Temperature
FREQUENCY – Hz
120
100
40
100
10M
1k
10k
100k
1M
80
60
VDD = +5V
VSS = –5V
TPC 6. Off Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com