Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5310ACP-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 14Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADL5310
Rev. A | Page 11 of 20
GENERAL STRUCTURE
The ADL5310 addresses a wide variety of interfacing conditions
to meet the needs of fiber optic supervisory systems and is
useful in many nonoptical applications. These notes explain the
structure of this unique style of translinear log amp. Figure 33
shows the key elements of one of the two identical on-board
log amps.
Q2
Q1
451
Ω
14.2k
Ω
80k
Ω
20k
Ω
6.69k
Ω
PHOTODIODE
INPUT
CURRENT
BIAS
GENERATOR
TEMPERATURE
COMPENSATION
(SUBTRACT AND
DIVIDE BY T°K)
VRDZ
COMM
COMM
VLOG
VNEG (NORMALLY GROUNDED)
VSUM
INP1
(INP2)
VREF
IREF
IREF
VBE1
VBE2
IPD
VBE1
VBE2
44
µA/dec
2.5V
0.5V
0.5V
0.5V
Figure 33. Simplified Schematic of Single Log Amp
The photodiode current IPD is received at either Pin INP1 or
Pin INP2. The voltages at these nodes are approximately equal
to the voltage on the adjacent guard pins, VSUM, as well as
reference inputs IRF1 and IRF2, due to the low offset voltage
of the JFET operational amplifiers. Transistor Q1 converts IPD
to a corresponding logarithmic voltage, as shown in Equation 1.
A finite positive value of VSUM is needed to bias the collector of
Q1 for the usual case of a single-supply voltage. This is inter-
nally set to 0.5 V, one-fifth of the 2.5 V reference voltage that
appears on Pin VREF. Both VREF pins are internally shorted,
as are both VSUM pins. The resistance at the VSUM pin is
nominally 16 kΩ; this voltage is not intended as a general bias
source.
The ADL5310 also supports the use of an optional negative
supply voltage, VN, at Pin VNEG. When VN is 0.5 V or more
negative, VSUM may be connected to ground; thus, INP1, INP2,
IRF1, and IRF2 assume this potential. This allows operation as a
voltage-input logarithmic converter by the inclusion of a series
resistor at either or both inputs. Note that the resistor setting IREF
for each channel needs to be adjusted to maintain the intercept
value. Also note that the collector-emitter voltages of Q1 and Q2
are the full VN and effects due to self-heating cause errors at
large input currents.
The input-dependent VBE1 of Q1 is compared with the reference
VBE2 of a second transistor, Q2, operating at IREF. IREF is gener-
ated externally to a recommended value of 3 µA. However, other
values over a several-decade range can be used with a slight
degradation in law conformance.
THEORY
The base-emitter voltage of a bipolar junction transistor (BJT)
can be expressed by Equation 1, which immediately shows its
basic logarithmic nature:
VBE = kT/q ln(IC/IS)
(1)
where:
IC is the collector current.
IS is a scaling current, typically only 10–17 A.
kT/q is the thermal voltage, proportional to absolute
temperature (PTAT), and is 25.85 mV at 300 K.
IS is never precisely defined and exhibits an even stronger tem-
perature dependence, varying by a factor of roughly a billion
between −35°C and +85°C. Thus, to make use of the BJT as an
accurate logarithmic element, both of these temperature
dependencies must be eliminated.
The difference between the base-emitter voltages of a matched
pair of BJTs, one operating at the photodiode current IPD and the
other operating at a reference current IREF, can be written as
VBE1 – VBE2 = kT/q ln(IPD/IS) – kT/q ln(IREF/IS)
= ln(10) kT/q log10(IPD/IREF)
(2)
= 59.5 mV log10(IPD/IREF) (T = 300 K)
The uncertain, temperature-dependent saturation current, IS,
that appears in Equation 1 has therefore been eliminated. To
eliminate the temperature variation of kT/q, this difference
voltage is processed by what is essentially an analog divider.
Effectively, it puts a variable under Equation 2. The output of
this process, which also involves a conversion from voltage
mode to current mode, is an intermediate, temperature-
corrected current:
ILOG = IY log10(IPD/IREF)
(3)
where IY is an accurate, temperature-stable scaling current that
determines the slope of the function (change in current per
decade). For the ADL5310, IY is 44 µA, resulting in a
temperature-independent slope of 44 µA/decade for all values
of IPD and IREF. This current is subsequently converted back to a
voltage-mode output, VLOG, scaled 200 mV/decade.
It is apparent that this output should be 0 for IPD = IREF and
would need to swing negative for smaller values of input
current. To avoid this, IREF would need to be as small as the
smallest value of IPD. Accordingly, an offset voltage is added to
VLOG to shift it upward by 0.8 V when VRDZ is directly
connected to VREF. This moves the intercept to the left by four
decades (at 200 mV/decade), from 3 μA to 300 pA:
ILOG = IY log10(IPD/IINTC)
(4)
where IINTC is the operational value of the intercept current.
Because values of IPD < IINTC result in a negative VLOG, a negative
supply of sufficient value is required to accommodate this
situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com