Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG528ATCHIPS Datasheet(PDF) 10 Page - Analog Devices

Part # ADG528ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528ATCHIPS Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG528ATCHIPS Datasheet HTML 4Page - Analog Devices ADG528ATCHIPS Datasheet HTML 5Page - Analog Devices ADG528ATCHIPS Datasheet HTML 6Page - Analog Devices ADG528ATCHIPS Datasheet HTML 7Page - Analog Devices ADG528ATCHIPS Datasheet HTML 8Page - Analog Devices ADG528ATCHIPS Datasheet HTML 9Page - Analog Devices ADG528ATCHIPS Datasheet HTML 10Page - Analog Devices ADG528ATCHIPS Datasheet HTML 11Page - Analog Devices ADG528ATCHIPS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
–10–
ADG528A/ADG529A
TERMINOLOGY
RON
Ohmic resistance between terminals D and S
RON Match
Difference between the RON of any two channels
RON Drift
Change in RON versus temperature
IS (OFF)
Source terminal leakage current when the switch
is off.
ID (OFF)
Drain terminal leakage current when the switch is
off.
ID (ON)
Leakage current that flows from the closed switch
into the body.
VS (VD)Analog voltage on terminal S or D
CS (OFF)
Channel input capacitance for “OFF” condition
CD (OFF)
Channel output capacitance for “OFF” condition
CIN
Digital input capacitance
tON (EN)
Delay time between the 50% and 90% points of
the digital input and switch “ON” condition.
tOFF (EN)
Delay time between the 50% and 10% points of
the digital input and switch “OFF” condition
tTRANSITION
Delay time between the 50% and 90% points of
the digital inputs and switch “ON” condition
when switching from one address state to another.
tOPEN
“OFF” time measured between 50% points of
both switches when switching from one address
state to another
VINL
Maximum input voltage for Logic “0”
VINH
Minimum input voltage for Logic “1”
IINL (IINH)
Input current of the digital input
VDD
Most positive voltage supply
VSS
Most negative voltage supply
IDD
Positive supply current
ISS
Negative supply current
OUTLINE DIMENSIONS
18-Lead Plastic Dual In-Line Package [PDIP]
(N-18)
Dimensions shown in inches and (millimeters)
SEATING
PLANE
0.015 (0.38) MIN
0.180 (4.57)
MAX
0.022 (0.558)
0.014 (0.356)
0.150 (3.81)
0.110 (2.79)
0.100
(2.54)
BSC
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.885 (22.48)
0.845 (21.46)
0.295 (7.49)
0.275 (6.99)
0.015 (0.381)
0.008 (0.203)
0.325 (8.26)
0.300 (7.62)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-095AD
0.180 (4.57)
MAX
20-Lead Plastic Leaded Chip Carrier [PLCC]
(P-20A)
Dimensions shown in inches and (millimeters)
0.020 (0.50)
R
BOTTOM
VIEW
(PINS UP)
0.021 (0.53)
0.013 (0.33)
0.330 (8.38)
0.290 (7.37)
0.032 (0.81)
0.026 (0.66)
0.056 (1.42)
0.042 (1.07)
0.20 (0.51)
MIN
0.120 (3.04)
0.090 (2.29)
3
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.395 (10.02)
0.385 (9.78)
SQ
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
0.020
(0.50)
R
0.050
(1.27)
BSC
0.180 (4.57)
0.165 (4.19)
0.040 (1.01)
0.025 (0.64)
R
COMPLIANT TO JEDEC STANDARDS MO-047AA
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com