Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM823LYKSZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM823LYKSZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823LYKSZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM823LYKSZ-R7 Datasheet HTML 4Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 5Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 6Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 7Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 8Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 9Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 10Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 11Page - Analog Devices ADM823LYKSZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM823/ADM824/ADM825
Data Sheet
Rev. D | Page 8 of 12
TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
2.0
1.6
1.8
1.4
1.2
0.8
1.0
0.6
0.4
0.2
0
Figure 11. Watchdog Timeout Period vs. Temperature
(ADM823/ADM824)
OVERDRIVE VOD (mV)
1000
10
100
160
120
140
100
60
80
40
20
0
VTH = 4.63V
VTH = 2.93V
RESET OCCURS ABOVE GRAPH
Figure 12. Maximum VCC Transient Duration vs. Reset Threshold Overdrive
TEMPERATURE (°C)
100
–50
0
50
190
160
180
170
150
130
140
120
110
100
Figure 13. Manual Reset Minimum Pulse Width vs. Temperature
(ADM823/ADM825)
TEMPERATURE (°C)
160
–40
10
110
60
3.8
3.2
3.6
3.4
3.0
2.6
2.8
2.4
2.2
2.0
NEGATIVE PULSE
POSITIVE PULSE
Figure 14. Watchdog Input Minimum Pulse Width vs. Temperature
(ADM823/ADM824)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com