Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM823LYRJZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM823LYRJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823LYRJZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM823LYRJZ-R7 Datasheet HTML 1Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 2Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADM823LYRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM823/ADM824/ADM825
Data Sheet
Rev. D | Page 4 of 12
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
WATCHDOG INPUT (ADM823, ADM824)
Watchdog Timeout Period
1.12
1.6
2.40
sec
WDI Pulse Width
50
ns
VIL = 0.4 V, VIH = 0.8 × VCC
WDI Input Threshold, VIL
0.7 × VCC
0.3 × VCC
V
WDI Input Current
120
160
µA
VWDI = VCC, time average
−20
−15
µA
VWDI = 0 V, time average
MANUAL RESET INPUT (ADM823, ADM825)
MR Input Threshold
0.7 × VCC
0.3 × VCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Pull-Up Resistance
35
52
75
kΩ
MR to Reset Delay
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com