Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5037
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5037 Datasheet HTML 17Page - Analog Devices ADP5037 Datasheet HTML 18Page - Analog Devices ADP5037 Datasheet HTML 19Page - Analog Devices ADP5037 Datasheet HTML 20Page - Analog Devices ADP5037 Datasheet HTML 21Page - Analog Devices ADP5037 Datasheet HTML 22Page - Analog Devices ADP5037 Datasheet HTML 23Page - Analog Devices ADP5037 Datasheet HTML 24Page - Analog Devices ADP5037 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP5037
Rev. D | Page 21 of 28
LDO EXTERNAL COMPONENT SELECTION
Feedback Resistors
For the adjustable model, the maximum value of Rb is not to
exceed 200 kΩ (see Figure 48).
Output Capacitor
The ADP5037 LDOs are designed for operation with small, space-
saving ceramic capacitors, but function with most commonly
used capacitors as long as care is taken with the ESR value. The
ESR of the output capacitor affects stability of the LDO control
loop. A minimum of 0.70 µF capacitance with an ESR of 1 Ω or
less is recommended to ensure that stability of the ADP5037.
Transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP5037 to large
changes in load current.
Input Bypass Capacitor
Connecting a 1 µF capacitor from VIN3 and VIN4 to ground
reduces the circuit sensitivity to printed circuit board (PCB)
layout, especially when long input traces or high source impedance
is encountered. If greater than 1 µF of output capacitance is
required, increase the input capacitor to match it.
Input and Output Capacitor Properties
Use any good quality ceramic capacitors with the ADP5037 as
long as they meet the minimum capacitance and maximum ESR
requirements. Ceramic capacitors are manufactured with a variety
of dielectrics, each with a different behavior over temperature
and applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 6.3 V or 10 V are recommended for best performance.
Y5V and Z5U dielectrics are not recommended for use with any
LDO because of their poor temperature and dc bias characteristics.
Figure 51 depicts the capacitance vs. voltage bias characteristic
of a 0402 1 µF, 10 V, X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or with higher
voltage rating exhibits better stability. The temperature variation
of the X5R dielectric is about ±15% over the −40°C to +85°C
temperature range and is not a function of package or voltage
rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1
2
3
4
5
6
DC BIAS VOLTAGE (V)
Figure 51. Capacitance vs. Voltage Characteristic
Use the following equation to determine the worst-case capa-
citance accounting for capacitor variation over temperature,
component tolerance, and voltage:
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
CBIAS is 0.85 μF at 1.8 V as shown in Figure 51.
Substituting these values into the following equation,
CEFF = 0.85 μF × (1 − 0.15) × (1 − 0.1) ≈ 0.65 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP5037, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com