Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5023 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5023 Datasheet HTML 9Page - Analog Devices ADP5023 Datasheet HTML 10Page - Analog Devices ADP5023 Datasheet HTML 11Page - Analog Devices ADP5023 Datasheet HTML 12Page - Analog Devices ADP5023 Datasheet HTML 13Page - Analog Devices ADP5023 Datasheet HTML 14Page - Analog Devices ADP5023 Datasheet HTML 15Page - Analog Devices ADP5023 Datasheet HTML 16Page - Analog Devices ADP5023 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADP5037
Rev. D | Page 13 of 28
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
+125°C
+25°C
–40°C
0
50
100
150
200
250
Figure 33. PMOS RDSON vs. Input Voltage Across Temperature
1.802
1.801
1.800
1.799
1.798
1.797
1.796
1.795
1.794
1.793
1.792
0
0.1
0.2
0.3
IOUT (A)
–40°C
+25°C
+85°C
Figure 34. LDO Load Regulation Across Temperature, VIN3 = 3.6 V, VOUT3 = 1.8 V
0
0.5
1.0
1.5
2.0
2.5
3.0
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VIN (V)
IOUT = 300mA
IOUT = 150mA
IOUT = 100mA
IOUT = 1mA
IOUT = 10mA
IOUT = 100µA
Figure 35. LDO Line Regulation Across Output Load, VOUT3 = 2.8 V
0
0.05
0.10
0.15
0.20
0.25
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
40
45
50
Figure 36. LDO Ground Current vs. Output Load, VIN3 = 3.3 V, VOUT3 = 2.8 V
2
T
1
CH1 100mV BW
M 40.0µs A CH2
52.0mA
T 19.20%
CH2 100mA Ω BW
VOUT
IOUT
Figure 37. LDO Response to Load Transient, IOUT3 from 1 mA to 80 mA,
VOUT3 = 2.8 V
2
3
T
1
CH1 20.0mV
CH3 1.00V
M 100µs
A CH3
4.80V
T 28.40%
VOUT
VIN
Figure 38. LDO Response to Line Transient, Input Voltage from 4.5 V to 5 V,
VOUT3 = 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com