Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR121AUJZ-R21 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR121AUJZ-R21
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR121AUJZ-R21 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR121AUJZ-R21 Datasheet HTML 6Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 7Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 8Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 9Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR121AUJZ-R21 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 10 of 20
200
–200
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
150
100
50
0
–50
–100
–150
2mA SINKING, VIN = 3V
5mA SOURCING, VIN = 3V
Figure 20. ADR127 Load Regulation vs. Temperature
100
–100
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
5mA SOURCING, VIN = 5V
80
60
40
20
0
–20
–40
–60
–80
2mA SINKING, VIN = 5V
Figure 21. ADR121 Load Regulation vs. Temperature
50
–50
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
40
30
20
10
0
–10
–20
–30
–40
2mA SINKING, VIN = 6V
5mA SOURCING, VIN = 6V
Figure 22. ADR125 Load Regulation vs. Temperature
1
CIN = COUT = 0.1µF
2µV/DIV
TIME (1s/DIV)
CH1 p-p
5.76µV
CH1 rms
0.862µV
Figure 23. ADR127 0.1 Hz to 10 Hz Noise
1
CIN = COUT = 0.1µF
5µV/DIV
TIME (1s/DIV)
CH1 p-p
10.8µV
CH1 rms
1.75µV
Figure 24. ADR121 0.1 Hz to 10 Hz Noise
1
CIN = COUT = 0.1µF
10µV/DIV
TIME (1s/DIV)
CH1 p-p
20.6µV
CH1 rms
3.34µV
Figure 25. ADR125 0.1 Hz to 10 Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com