Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6502 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT6502
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6502 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT6502 Datasheet HTML 8Page - Analog Devices ADT6502 Datasheet HTML 9Page - Analog Devices ADT6502 Datasheet HTML 10Page - Analog Devices ADT6502 Datasheet HTML 11Page - Analog Devices ADT6502 Datasheet HTML 12Page - Analog Devices ADT6502 Datasheet HTML 13Page - Analog Devices ADT6502 Datasheet HTML 14Page - Analog Devices ADT6502 Datasheet HTML 15Page - Analog Devices ADT6502 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 13 of 16
OUTLINE DIMENSIONS
Figure 24. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Threshold
Temperature
Accuracy @
Threshold
Temperature
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADT6501SRJZP035RL7
35°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1U
ADT6501SRJZP045RL7
45°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1V
ADT6501SRJZP055RL7
55°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T0B
ADT6501SRJZP065RL7
65°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1W
ADT6501SRJZP075RL7
75°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1X
ADT6501SRJZP085RL7
85°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T0W
ADT6501SRJZP085-RL
85°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
10,000
T0W
ADT6501SRJZP095RL7
95°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1Y
ADT6501SRJZP105RL7
105°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T15
ADT6501SRJZP105-RL
105°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
10,000
T15
ADT6501SRJZP115RL7
115°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T1Z
ADT6502SRJZP035RL7
35°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T25
ADT6502SRJZP045RL7
45°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T26
ADT6502SRJZP055RL7
55°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T27
ADT6502SRJZP065RL7
65°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T28
ADT6502SRJZP075RL7
75°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T17
ADT6502SRJZP085RL7
85°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T29
ADT6502SRJZP095RL7
95°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2B
ADT6502SRJZP105RL7
105°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2C
ADT6502SRJZP115RL7
115°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2D
ADT6503SRJZN045RL7
−45°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2E
ADT6503SRJZN035RL7
−35°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2F
ADT6503SRJZN025RL7
−25°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T19
ADT6503SRJZN015RL7
−15°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2J
ADT6503SRJZN005RL7
−5°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2M
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com