Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-2.5-R71 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1712AUJZ-2.5-R71
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-2.5-R71 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1712AUJZ-2.5-R71 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 12Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 13Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 14Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 15Page - Analog Devices ADP1712AUJZ-2.5-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 16 of 16
Model
Temperature
Range
Output
Voltage (V)
Package
Description
Package
Option
Branding
ADP1713AUJZ-1.3-R71
–40°C to +125°C
1.30
5-Lead TSOT
UJ-5
L54
ADP1713AUJZ-1.5-R71
–40°C to +125°C
1.50
5-Lead TSOT
UJ-5
L55
ADP1713AUJZ-1.8-R71
–40°C to +125°C
1.80
5-Lead TSOT
UJ-5
L56
ADP1713AUJZ-2.5-R71
–40°C to +125°C
2.50
5-Lead TSOT
UJ-5
L57
ADP1713AUJZ-3.0-R71
–40°C to +125°C
3.00
5-Lead TSOT
UJ-5
L58
ADP1713AUJZ-3.3-R71
–40°C to +125°C
3.30
5-Lead TSOT
UJ-5
L59
ADP1714AUJZ-0.75R71
–40°C to +125°C
0.75
5-Lead TSOT
UJ-5
L5A
ADP1714AUJZ-0.8-R71
–40°C to +125°C
0.80
5-Lead TSOT
UJ-5
L5C
ADP1714AUJZ-0.85R71
–40°C to +125°C
0.85
5-Lead TSOT
UJ-5
L5D
ADP1714AUJZ-0.9-R71
–40°C to +125°C
0.90
5-Lead TSOT
UJ-5
L5E
ADP1714AUJZ-0.95R71
–40°C to +125°C
0.95
5-Lead TSOT
UJ-5
L5F
ADP1714AUJZ-1.0-R71
–40°C to +125°C
1.00
5-Lead TSOT
UJ-5
L5G
ADP1714AUJZ-1.05R71
–40°C to +125°C
1.05
5-Lead TSOT
UJ-5
L5H
ADP1714AUJZ-1.1-R71
–40°C to +125°C
1.10
5-Lead TSOT
UJ-5
L5J
ADP1714AUJZ-1.15R71
–40°C to +125°C
1.15
5-Lead TSOT
UJ-5
L5K
ADP1714AUJZ-1.2-R71
–40°C to +125°C
1.20
5-Lead TSOT
UJ-5
L5L
ADP1714AUJZ-1.3-R71
–40°C to +125°C
1.30
5-Lead TSOT
UJ-5
L5M
ADP1714AUJZ-1.5-R71
–40°C to +125°C
1.50
5-Lead TSOT
UJ-5
L5N
ADP1714AUJZ-1.8-R71
–40°C to +125°C
1.80
5-Lead TSOT
UJ-5
L5P
ADP1714AUJZ-2.5-R71
–40°C to +125°C
2.50
5-Lead TSOT
UJ-5
L5Q
ADP1714AUJZ-3.0-R71
–40°C to +125°C
3.00
5-Lead TSOT
UJ-5
L5R
ADP1714AUJZ-3.3-R71
–40°C to +125°C
3.30
5-Lead TSOT
UJ-5
L5S
ADP1712-3.3-EVALZ11
3.3
ADP1712 Fixed 3.3 V Output with Soft Start
Evaluation Board
ADP1712-EVALZ11
Adjustable,
but set to 1.6
ADP1712 Adjustable Output Evaluation Board
ADP1713-3.3-EVALZ11
3.3
ADP1713 Fixed 3.3 V Output with Bypass
Evaluation Board
ADP1714-3.3-EVALZ11
3.3
ADP1714 Fixed 3.3 V Output with Track Mode
Evaluation Board
1 Z = RoHS Compliant Part.
©2007–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06455-0-6/09(A)
©2007–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06455-0-6/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com