Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CPZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP07CPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07CPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP07CPZ Datasheet HTML 5Page - Analog Devices OP07CPZ Datasheet HTML 6Page - Analog Devices OP07CPZ Datasheet HTML 7Page - Analog Devices OP07CPZ Datasheet HTML 8Page - Analog Devices OP07CPZ Datasheet HTML 9Page - Analog Devices OP07CPZ Datasheet HTML 10Page - Analog Devices OP07CPZ Datasheet HTML 11Page - Analog Devices OP07CPZ Datasheet HTML 12Page - Analog Devices OP07CPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
OP07
Rev. G | Page 9 of 16
120
110
100
90
80
70
50
60
FREQUENCY (Hz)
10
0.1
1
10k
1k
100
OP07C
TA = 25°C
Figure 15. PSRR vs. Frequency
1000
800
600
400
200
0
POWER SUPPLY VOLTAGE (V)
±10
0
±5
±20
±15
TA = 25°C
Figure 16. Open-Loop Gain vs. Power Supply Voltage
120
100
80
60
40
20
0
–20
–40
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
VS = ±15V
TA = 25°C
Figure 17. Open-Loop Frequency Response
100
80
60
40
20
0
–20
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
VS = ±15V
TA = 25°C
Figure 18. Closed-Loop Frequency Response for Various Gain Configurations
28
24
20
16
12
8
4
0
FREQUENCY (Hz)
1k
10k
100k
1M
VS = ±15V
TA = 25°C
Figure 19. Maximum Output Swing vs. Frequency
20
15
10
5
0
LOAD RESISTANCE TO GROUND (Ω)
100
1k
10k
VS = ±15V
VIN = ±10mV
TA = 25°C
POSITIVE SWING
NEGATIVE SWING
Figure 20. Maximum Output Voltage vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com