Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GPZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP90GPZ
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP90GPZ Datasheet HTML 5Page - Analog Devices OP90GPZ Datasheet HTML 6Page - Analog Devices OP90GPZ Datasheet HTML 7Page - Analog Devices OP90GPZ Datasheet HTML 8Page - Analog Devices OP90GPZ Datasheet HTML 9Page - Analog Devices OP90GPZ Datasheet HTML 10Page - Analog Devices OP90GPZ Datasheet HTML 11Page - Analog Devices OP90GPZ Datasheet HTML 12Page - Analog Devices OP90GPZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
OP90
–9–
Single Op Amp Full-Wave Rectifier
Figure 7 shows a full-wave rectifier circuit that provides the
absolute value of input signals up to
±2.5 V even though operated
from a single 5 V supply. For negative inputs, the amplifier acts
as a unity-gain inverter. Positive signals force the op amp output
to ground. The 1N914 diode becomes reversed-biased and the
signal passes through R1 and R2 to the output. Since output
impedance is dependent on input polarity, load impedances
cause an asymmetric output. For constant load impedances, this
can be corrected by reducing R2. Varying or heavy loads can be
buffered by a second OP90. Figure 8 shows the output of the
full-wave rectifier with a 4 Vp-p, 10 Hz input signal.
+5V
2
3
4
6
OP90
7
R3
100k
HP5082-2800
VIN
R1
10k
R2
10k
1N914
VOUT
Figure 7. Single Op Amp Full-Wave Rectifier
Figure 8. Output of Full-Wave Rectifier with 4 Vp-p,
10 Hz Input
2-WIRE 4 mA TO 20 mA CURRENT TRANSMITTER
The current transmitter of Figure 9 provides an output of 4 mA
to 20 mA that is linearly proportional to the input voltage.
Linearity of the transmitter exceeds 0.004% and line rejection is
0.0005%/volt.
Biasing for the current transmitter is provided by the REF-02EZ.
The OP90
regulates the output current to satisfy the current
summation at the noninverting node:
I
R
VR
R
VR
R
OUT
IN
=+


1
6
5
2
55
1
For the values shown in Figure 9,
IV
mA
OUT
IN
= 


+
16
100
4
Ω
giving a full-scale output of 20 mA with a 100 mV input.
Adjustment of R2 will provide an offset trim and adjustment of
R1 will provide a gain trim. These trims do not interact since
the noninverting input of the OP90 is at virtual ground. The
Schottky diode, D1, prevents input voltage spikes from pulling
the noninverting input more than 300 mV below the inverting
input. Without the diode, such spikes could cause phase reversal of
the OP90 and possible latch-up of the transmitter. Compliance of
this circuit is from 10 V to 40 V. The voltage reference output
can provide up to 2 mA for transducer excitation.
2
3
4
6
7
IOUT =
16VIN
100
+ 4mA
VIN
R2
5k
6
4
2
R6
100
R3
4.7k
R4
100k
R1
1M
D1
HP
5082-
2800
R5
80k
+5V
REFERENCE
2mA MAX
–
+
IOUT
RL
2N1711
V+
(10V TO 40V)
OP90
REF-02EZ
Figure 9. 2-Wire 4 mA to 20mA Transmitter
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com