Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249FZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP249FZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249FZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP249FZ Datasheet HTML 4Page - Analog Devices OP249FZ Datasheet HTML 5Page - Analog Devices OP249FZ Datasheet HTML 6Page - Analog Devices OP249FZ Datasheet HTML 7Page - Analog Devices OP249FZ Datasheet HTML 8Page - Analog Devices OP249FZ Datasheet HTML 9Page - Analog Devices OP249FZ Datasheet HTML 10Page - Analog Devices OP249FZ Datasheet HTML 11Page - Analog Devices OP249FZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP249
Data Sheet
Rev. H | Page 8 of 20
35
30
25
20
15
10
5
CAPACITIVE LOAD (pF)
0
100
200
300
400
500
TA = 25°C
VS = ±15V
NEGATIVE
POSITIVE
Figure 12. Slew Rate vs. Capacitive Load
–10
–8
–6
–4
–2
0
2
4
6
8
10
0.01%
0.01%
0.1%
0.1%
TA = 25°C
VS = ±15V
AVCL = 1
SETTLING TIME (ns)
0
200
400
600
800
1000
Figure 13. Step Size vs. Settling Time
100
80
60
40
20
0
TA = 25°C
VS = ±15V
FREQUENCY (Hz)
0
100
1k
10k
Figure 14. Voltage Noise Density vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 10kΩ
AV = 1
Figure 15. Distortion vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 2kΩ
AV = 1
Figure 16. Distortion vs. Frequency
0.01
0.001
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 600Ω
AV = 1
Figure 17. Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com