Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04ES Datasheet(PDF) 9 Page - Analog Devices

Part # SMP04ES
Description  CMOS Quad Sample-and-Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04ES Datasheet(HTML) 9 Page - Analog Devices

Back Button SMP04ES Datasheet HTML 5Page - Analog Devices SMP04ES Datasheet HTML 6Page - Analog Devices SMP04ES Datasheet HTML 7Page - Analog Devices SMP04ES Datasheet HTML 8Page - Analog Devices SMP04ES Datasheet HTML 9Page - Analog Devices SMP04ES Datasheet HTML 10Page - Analog Devices SMP04ES Datasheet HTML 11Page - Analog Devices SMP04ES Datasheet HTML 12Page - Analog Devices SMP04ES Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SMP04
–9–
REV. D
Sample-Mode Distortion Characteristics
Although designed as a sample-and-hold, the SMP04 may be
used as a straight buffer amplifier by configuring it in a continu-
ous sample mode. This is done by connecting the
S/H control
pin to a logic LOW. Its buffer bandwidth is primarily limited by
the distortion content as the signal frequency increases. Figure
17 shows the distortion characteristics of the SMP04 versus
frequency. It maintains less than 1% total harmonic distortion
over a voiceband of 8 kHz. Output spot noise voltage measures
4 nV/
√Hz at f = 1 kHz.
FREQUENCY – Hz
10
20
100k
1
100
1k
10k
0.1
0.010
0.001
0.0005
200k
VS = 6V
VIN = 4Vp-p
Figure 17. THD+N vs. Frequency
Sampled Data Dynamic Performance
In continuous sampled data applications such as voice digitiza-
tion or communication circuits, it is important to analyze the
spectral response of a sample-and-hold. Figures 16a and 16b
show the SMP04 sampling at a frequency of 86 kHz with a
1.4 V p-p pure sine wave input of 20 kHz and 8 kHz respec-
tively. The photos include the sampling carrier frequency as
well as its multiplying frequencies. In the case of the 20 kHz
carrier frequency, the second harmonic measures 41 dB down
from the fundamental, because the second is dominant, the
signal-to-noise ratio is –40.9 dB. The 8 kHz case produces an
improved S/N performance of –48 dB.
In the V.32 and V.33 modem environment, where a 1.8 kHz
carrier signal frequency is applied to the SMP04, Figure 18
compares the spectral responses of the SMP04 under three
different sampling frequencies of 14.4 kHz, 9.6 kHz and
7.2 kHz. The signal-to-noise ratios measure 58.2 dB, 59.3 dB
and 60 dB respectively.
Figure 19 depicts SMP04’s spectral response operating with
voice frequency of 3 kHz sampling at a 15.7 kHz rate. Under
this condition, the signal-to-noise measures 53 dB.
10 dB/DIV
RANGE 15.0 dBm
5.9 dBm
START 1 000.0 Hz
STOP 20 000.0 Hz
Figure 19. SMP04 Spectral Response with an Input Carrier
Frequency of 3 kHz and the Sampling Frequency of 15.7 kHz
Sampled Data Dynamic Performance
In continuous sampled data applications such as voice digitiza-
tion or communication circuits, it is important to analyze the
spectral response of a sample-and-hold. Figures 16a and 16b
show the SMP04 sampling at a frequency of 86 kHz with a
1.4 V p-p pure sine wave input of 20 kHz and 8 kHz respec-
tively. The photos include the sampling carrier frequency as well
as its multiplying frequencies. In the case of the 20 kHz carrier
frequency, the second harmonic measures 41 dB down from the
fundamental, because the second is dominant, the signal-to-
noise ratio is –40.9 dB. The 8 kHz case produces an improved
S/N performance of –48 dB.
In the V.32 and V.33 modem environment, where a 1.8 kHz
carrier signal frequency is applied to the SMP04, Figure 18
compares the spectral responses of the SMP04 under three
different sampling frequencies of 14.4 kHz, 9.6 kHz and
7.2 kHz. The signal-to-noise ratios measure 58.2 dB, 59.3 dB
and 60 dB respectively.
Figure 18. SMP04 Spectral Response with a 1.8 kHz Carrier Frequency. (a) Shows the Sampling Frequency at 14.4 kHz;
it Exhibits a S/N Ratio of 58.2 dB. (b) Shows a 59.3 dB S/N at a Sampling Frequency of 8.6 kHz. (c) Shows a 60 dB S/N at
7.2 kHz.
10 dB/DIV
RANGE 15.0 dBm
5.9 dBm
CENTER 10 500.0 Hz
SPAN 19 000.0 Hz
a.
10 dB/DIV
RANGE 15.0 dBm
5.2 dBm
START 1 000.0 Hz
STOP 12 000.0 Hz
c.
10 dB/DIV
RANGE 15.0 dBm
5.7 dBm
START 1 000.0 Hz
STOP 12 000.0 Hz
b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com