Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU601-G Datasheet(PDF) 2 Page - Comchip Technology

Part # KBU601-G
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBU601-G Datasheet(HTML) 2 Page - Comchip Technology

  KBU601-G Datasheet HTML 1Page - Comchip Technology KBU601-G Datasheet HTML 2Page - Comchip Technology KBU601-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV:A
Rating and Characteristics Curves (KBU6005-G Thru. KBU610-G)
QW-BBR80
Comchip Technology CO., LTD.
Fig.1 - Derating Curve Output
1
10
100
Number Of Cycle At 60Hz
0
100
150
50
200
250
0
100
10
Reverse Voltage, (V)
100
400
10
0.6
1.0
10
100
0.1
0.7
1.0
1.1
1.3
0.8
0.9
0
50
100
150
0.0
2.0
6.0
10.0
Case Temperature, (°C)
4.0
25
75
125
Rectified Current
Fig.3 - Maximum Non-retetitive Peak
Forward Surge Current
Silicon Bridge Rectifiers
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
0.51(1.27mm)LEAD LENGTH
HEAT SINK MOUNTING
1.2
Fig.4 - Typical Junction Capacitance
Per Element
8.0
TJ=25°C
Fig.2 - Typical Forward Characteristics
Instantaneous Forward Voltage, (V)
TJ=25°C
PULSE WIDTH=300S
1%DUTY CYCLE
Fig.5 - Typical Reverse Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage, (V)
0.1
1.0
10.0
120
60
20
TJ=25°C
TJ=100°C
TJ=25°C
TJ=100°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com