Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP38136 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP38136
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP38136 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP38136 Datasheet HTML 1Page - Vishay Siliconix TSOP38136 Datasheet HTML 2Page - Vishay Siliconix TSOP38136 Datasheet HTML 3Page - Vishay Siliconix TSOP38136 Datasheet HTML 4Page - Vishay Siliconix TSOP38136 Datasheet HTML 5Page - Vishay Siliconix TSOP38136 Datasheet HTML 6Page - Vishay Siliconix TSOP38136 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
New Product
TSOP381.., TSOP383.., TSOP385.., TSOP391.., TSOP393..,
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-May-12
1
Document Number: 81743
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning for TSOP381.., TSOP383.., TSOP385..:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP391.., TSOP393.., TSOP395..:
1 = OUT, 2 = VS, 3 = GND
Please see the document “Product Transition Schedule” at
www.vishay.com/ir-receiver-modules/ for up-to-date info,
when this product will be released.
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
These products are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an
IR filter.
The demodulated output signal can be directly decoded
by a microprocessor. The TSOP381.., TSOP391.. are
compatible with all common IR remote control data formats.
The TSOP383.., TSOP393.. are optimized to better
suppress spurious pulses from energy saving fluorescent
lamps. The TSOP385.., TSOP395.. have an excellent noise
suppression. It is immune to dimmed LCD backlighting and
any fluorescent lamps. AGC3 and AGC5 may also suppress
some data signals in case of continuous transmission.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
19026
PARTS TABLE
CARRIER
FREQUENCY
SHORT BURST AND HIGH DATA
RATE (AGC1)
NOISY ENVIROMENTS AND SHORT
BURST (AGC3)
VERY NOISY ENVIROMENTS AND
SHORT BURSTS (AGC5)
PINNING
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
30 kHz
TSOP38130
TSOP39130
TSOP38330
TSOP39330
TSOP38530
TSOP39530
33 kHz
TSOP38133
TSOP39133
TSOP38333
TSOP39333
TSOP38533
TSOP39533
36 kHz
TSOP38136
TSOP39136
TSOP38336
TSOP39336
TSOP38536
TSOP39536
38 kHz
TSOP38138
TSOP39138
TSOP38338
TSOP39338
TSOP38538
TSOP39538
40 kHz
TSOP38140
TSOP39140
TSOP38340
TSOP39340
TSOP38540
TSOP39540
56 kHz
TSOP38156
TSOP39156
TSOP38356
TSOP39356
TSOP38556
TSOP39556
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP38136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP381 VISHAY-TSOP381 Datasheet
146Kb / 7P
IR Receiver Modules for Remote Control Systems
07-May-12
TSOP381 VISHAY-TSOP381 Datasheet
203Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2021
TSOP381.. VISHAY-TSOP381.. Datasheet
203Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2021
TSOP381 VISHAY-TSOP381_V01 Datasheet
203Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2021
More results

Similar Description - TSOP38136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com