Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P42CF121CF5ST Datasheet(PDF) 4 Page - Dielectric Laboratories, Inc.

Part # P42CF121CF5ST
Description  Milli-Cap
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P42CF121CF5ST Datasheet(HTML) 4 Page - Dielectric Laboratories, Inc.

  P42CF121CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P42CF121CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P42CF121CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P42CF121CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Milli-Cap
®
 
July 8, 2010
 
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
4 of 4 
 
Recommended Attachment Methods (Continued)
•
Recommended Attachment to Soft or Hard Substrate Using Solder:
Recommended Micro Strip Layout:
Attachment Method
1.
Place a single drop of solder paste onto each micro-strip as illustrated; the edge of the epoxy shall be at
least .001”- .002” back from the edge of the trace to prevent filling the gap with solder.
2.
Centering the termination gap of the capacitor within the gap in the micro strip, press with careful, even
pressure onto the micro strip ensuring the terminations make good contact with the drops of solder paste.
3.
Reflow according to the solder manufacturer’s preferred profile, ensuring the reflow temperature does not
exceed 250°C.
4.
After the reflow step is completed, inspect joint for voids or excess flux and non-reflowed solder balls that
can degrade performance or cause shorts across the gaps. Proper cleaning after the reflow process is
crucial to avoiding performance degradation and discovering poor solder joints.
Isopropanol, and Methanol are both safe to use with soldered Milli-Caps
®.
Packaging
Packaging Options
Code
Description
Blank
Generic Waffle Pack
T
Tape and Reel, 7” Reel, 100pc Minimum, 5,000pc Maximum
(Consult with a sales representative for availability)
S
Customer Specified (Drawing required, tooling charges may apply)
Distance from Trace Edge:
.001” - .002”
Ideal Micro Strip Width:
.020” - .025”
(.012” - .015” for P21)
Gap:
.015” - .020”
(.008” - .010” for P21)
Solder Diameter:
.020 - .025”
(.010” - .015” for P21)
Solder Thickness:
.004” - .006”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com