Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP77 Datasheet(PDF) 9 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP77
Rev. E | Page 9 of 16
10
1
0.1
100
1k
10k
100k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 15. Input Wideband Noise vs. Bandwidth (0.1 Hz to Frequency
Indicated)
1k
100
10
1
1
10
100
1k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
RESISTORS
INCLUDED
EXCLUDED
RS = 0
RS1 = RS2 = 200k
Ω
THERMAL NOISE OF SOURCE
Figure 16. Total Input Noise Voltage vs. Frequency
32
28
24
20
16
12
8
4
0
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 17. Maximum Output Swing vs. Frequency
100
10
1
010
20
30
40
TOTAL SUPPLY VOLTAGE V+ TO V– (V)
TA = 25°C
Figure 18. Power Consumption vs. Power Supply
20
15
10
5
0
100
1k
10k
LOAD RESISTANCE TO GROUND (
Ω)
VS = ±15V
TA = 25°C
VIN = ±10mV
POSITIVE SWING
NEGATIVE SWING
Figure 19. Maximum Output Voltage vs. Load Resistance
40
35
30
25
20
15
01
2
3
TIME FROM OUTPUT BEING SHORTENED (Minutes)
4
VS = ±15V
TA = 25°C
Figure 20. Output Short-Circuit Current vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com