Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD589JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD589JRZ
Description  2-Terminal IC 1.2 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD589JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD589JRZ Datasheet HTML 1Page - Analog Devices AD589JRZ Datasheet HTML 2Page - Analog Devices AD589JRZ Datasheet HTML 3Page - Analog Devices AD589JRZ Datasheet HTML 4Page - Analog Devices AD589JRZ Datasheet HTML 5Page - Analog Devices AD589JRZ Datasheet HTML 6Page - Analog Devices AD589JRZ Datasheet HTML 7Page - Analog Devices AD589JRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD589
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V readily accumulate
on the human body and test equipment and can discharge without detection. Although the AD589 features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Power Dissipation* . . . . . . . . . . . . . . . . . . . . . . . . . . . 125 mW
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +175°C
Operating Junction Temperature Range . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . . . .300°C
*Absolute maximum power dissipation is limited by maximum current through the
device. Maximum rating at elevated temperatures must be computed assuming
TJ
T
T  150°C and JA = 400 = C/W.
AD589 CHIP DIMENSIONS AND PAD LAYOUT
�����
�������
�����
�������
��� ����� �� ��������� �� ���� ���� ���� ����� ������
��� ���������� ��������������� ������� ������� ���
��������� ������ ��� ��������
ORDERING GUIDE
Temperature
No. of Parts Per
Temperature
Model
Coefficient (ppm/C)
Package Description
Package Option
Reel/Tray
Range (C)
AD589JH
100
Metal Can (TO-51)
H-02
100
0 to +70
AD589JR
100
SOIC-8
R-8
98
0 to +70
AD589JRZ*
100
SOIC-8
R-8
98
0 to +70
AD589JR-REEL
100
SOIC-8
R-8
2,500
0 to +70
AD589JRZ-REEL*
100
SOIC-8
R-8
2,500
0 to +70
AD589JCHIPS
100
DICE
—
25
0 to +70
AD589KH
50
Metal Can (TO-51)
H-02
100
0 to +70
AD589LH
25
Metal Can (TO-51)
H-02
100
0 to +70
AD589MH
10
Metal Can (TO-51)
H-02
100
0 to +70
AD589SH
100
Metal Can (TO-51)
H-02
100
–55 to +125
AD589SH/883B
100
Metal Can (TO-51)
H-02
100
–55 to +125
AD589TH
50
Metal Can (TO-51)
H-02
100
–55 to +125
AD589TH/883B
50
Metal Can (TO-51)
H-02
100
–55 to +125
AD589TCHIPS
50
DICE
—
25
–55 to +125
*Z = Pb-free part
REV. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com