Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD611P7 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 4 Page - IXYS Corporation

  IXD611P7 Datasheet HTML 1Page - IXYS Corporation IXD611P7 Datasheet HTML 2Page - IXYS Corporation IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Definition
Min
Max
Units
V
HS
High side floating supply offset voltage
-200
650
V
V
CH
High side floating absolute voltage
-0.3
35
V
V
HGO
High side floating output voltage
V
HS - 0.3
V
CH + 0.3
V
V
CL
Low side fixed supply voltage
-0.3
35
V
V
LGO
Low side output voltage
-0.3
V
CL + 0.3
V
V
DG
Logic supply offset voltage (P7, S7 only)
V
LS - 0.7
V
LS + 0.7
V
V
IN
Logic input voltage(HIN & LIN)
LS - 0.3
V
CL + 0.3
V
dV
HS/dt
Allowable offset supply voltage transient
50
V/ns
P
D
Package power dissipation@ T
A ≤ 25C
8 pin PDIP
1.0
W
8 pin SOIC
0.625
W
14 pin PDIP
1.6
W
14 pin SOIC
1.0
W
R
THJA
Thermal resistance, junction-to-ambient
8 pin PDIP
125
oC/W
8 pin SOIC
200
oC/W
14 pin PDIP
75
oC/W
14 pin SOIC
120
oC/W
T
J
Junction Temperature
150
oC
T
S
Storage temperature
-55
150
oC
T
L
Lead temperature (soldering, 10 s)
300
oC
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
V
HS
High side floating supply offset voltage
-200
600
V
V
CH
High side floating supply absolute voltage
10
30
V
V
HGO
High side floating output voltage
V
HS
V
CH
V
V
CL
Low side fixed supply voltage
10
30
V
V
LGO
Low side output voltage
0
V
CL
V
V
DG
Logic supply offset voltage (P7, S7 only)
V
LS - 0.3
V
LS + 0.3
V
V
IN
Logic input voltage(HIN, LIN)
V
DG or LS
V
CL
V
T
A
Ambient Temperature
-40
125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com