Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD611S7 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXD611S7
Description  600V, 600 mA High and Low-side Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611S7 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXD611S7 Datasheet HTML 5Page - IXYS Corporation IXD611S7 Datasheet HTML 6Page - IXYS Corporation IXD611S7 Datasheet HTML 7Page - IXYS Corporation IXD611S7 Datasheet HTML 8Page - IXYS Corporation IXD611S7 Datasheet HTML 9Page - IXYS Corporation IXD611S7 Datasheet HTML 10Page - IXYS Corporation IXD611S7 Datasheet HTML 11Page - IXYS Corporation IXD611S7 Datasheet HTML 12Page - IXYS Corporation IXD611S7 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
IXD611
© 2007 IXYS CORPORATION All rights reserved
Rise Times vs. Supply Voltage
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
1000 pF
100 pF
Fall Times vs. Supply Voltage
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
1000 pF
100 pF
Rise / Fall Times vs. Temperature
VIN = VSUPPLY = 15V CLOAD = 1000pF
0
5
10
15
20
25
30
35
40
-50
0
50
100
150
Temperature (C)
Fall
Rise
Propagation Delay vs. Temperature
VIN = VSUPPLY = 15V CLOAD = 1000pF
150
155
160
165
170
175
180
185
190
-100
-50
0
50
100
150
Temperature (C)
Pos. going input
Neg. going input
Propagation Delay vs. Supply Voltage
CL = 1000pF VIN = VSUPPLY
100
120
140
160
180
200
220
240
260
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
High side positive going
High side negative going
Low side positive going
Low side negative going
Under Voltage Lock Out vs. Temperature
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
-100
-50
0
50
100
150
Temperature (C)
Neg. going supply voltage
Pos. going supply voltage
Fig.12
Fig. 14
Fig. 16
Fig. 11
Fig. 13
Fig.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com