Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AASZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD1836AASZ
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AASZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1836AASZ Datasheet HTML 15Page - Analog Devices AD1836AASZ Datasheet HTML 16Page - Analog Devices AD1836AASZ Datasheet HTML 17Page - Analog Devices AD1836AASZ Datasheet HTML 18Page - Analog Devices AD1836AASZ Datasheet HTML 19Page - Analog Devices AD1836AASZ Datasheet HTML 20Page - Analog Devices AD1836AASZ Datasheet HTML 21Page - Analog Devices AD1836AASZ Datasheet HTML 22Page - Analog Devices AD1836AASZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD1836A
Rev. A | Page 19 of 24
SPI CONTROL REGISTERS
Note that all control registers default to zero at power-up.
Table 12. Serial SPI Word Format
Register Address
Read/Write
Reserved
Data Field
15:12
11
10
9:0
4 Bits
1 = Read
0 = Write
0
10 Bits
Table 13. Register Addresses and Functions
Register Address
RD/WR
Reserved
Function
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bits 9:0
0
0
0
0
0
0
DAC Control 1
0
0
0
1
0
0
DAC Control 2
0
0
1
0
0
0
DAC1L Volume
0
0
1
1
0
0
DAC1R Volume
0
1
0
0
0
0
DAC2L Volume
0
1
0
1
0
0
DAC2R Volume
0
1
1
0
0
0
DAC3L Volume
0
1
1
1
0
0
DAC3R Volume
1
0
0
0
0
0
ADC1L—Peak Level (Read-Only)
1
0
0
1
0
0
ADC1R—Peak Level (Read-Only)
1
0
1
0
0
0
ADC2L—Peak Level (Read-Only)
1
0
1
1
0
0
ADC2R—Peak Level (Read-Only)
1
1
0
0
0
0
ADC Control 1
1
1
0
1
0
0
ADC Control 2
1
1
1
0
0
0
ADC Control 3
1
1
1
1
0
0
Reserved
Table 14. DAC Control Register 1
Packed Mode: Eight channels are “packed” in DSDATA1 serial input. Packed Mode 128: Refer to Figure 7. Packed Mode 256: Refer to Figure 8.
Address
RD/WR
Reserved
Function
De-emphasis
Serial Mode
Data-Word
Width
Power-Down
Interpolator
Mode
Reserved
15, 14, 13, 12
11
10
9, 8
7, 6, 5
4, 3
2
1
0
0000
0
0
00 = None
01 = 44.1 kHz
10 = 32.0 kHz
11 = 48.0 kHz
000 = I2S
001 = RJ
010 = DSP
011 = LJ
100 = Packed Mode 256
101 = Packed Mode 128
110 = Reserved
111 = Reserved
00 = 24 Bits
01 = 20 Bits
10 = 16 Bits
11 = Reserved
0 = Normal
1 = PWRDWN
0 = 8× (48 kHz)
1 = 4× (96 kHz)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com