Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5161 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5161
Description  256-Position SPI/I2C Selectable Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161 Datasheet(HTML) 2 Page - Analog Devices

  AD5161 Datasheet HTML 1Page - Analog Devices AD5161 Datasheet HTML 2Page - Analog Devices AD5161 Datasheet HTML 3Page - Analog Devices AD5161 Datasheet HTML 4Page - Analog Devices AD5161 Datasheet HTML 5Page - Analog Devices AD5161 Datasheet HTML 6Page - Analog Devices AD5161 Datasheet HTML 7Page - Analog Devices AD5161 Datasheet HTML 8Page - Analog Devices AD5161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5161
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Pin Configuration............................................................................. 1
Revision History ............................................................................... 2
Electrical Characteristics—5 kΩ Version...................................... 3
Electrical Characteristics—10 kΩ, 50 kΩ, 100 kΩ Versions....... 4
Timing Characteristics—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ Versions 5
Absolute Maximum Ratings1 .......................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 12
SPI Interface .................................................................................... 13
I2C Interface .................................................................................... 14
Theory of Operation ...................................................................... 15
Programming the Variable Resistor......................................... 15
Programming the Potentiometer Divider............................... 16
Pin Selectable Digital Interface................................................. 16
Level Shifting for Bidirectional Interface................................ 18
ESD Protection ........................................................................... 18
Terminal Voltage Operating Range ......................................... 18
Power-Up Sequence ................................................................... 18
Layout and Power Supply Bypassing ....................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
8/12—Rev. A to Rev. B
Changes to Applications Section .................................................... 1
Updated Outline Dimensions....................................................... 19
4/09—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 19
5/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com