Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7495ARM Datasheet(PDF) 24 Page - Analog Devices

Part # AD7495ARM
Description  1MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARM Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7495ARM Datasheet HTML 16Page - Analog Devices AD7495ARM Datasheet HTML 17Page - Analog Devices AD7495ARM Datasheet HTML 18Page - Analog Devices AD7495ARM Datasheet HTML 19Page - Analog Devices AD7495ARM Datasheet HTML 20Page - Analog Devices AD7495ARM Datasheet HTML 21Page - Analog Devices AD7495ARM Datasheet HTML 22Page - Analog Devices AD7495ARM Datasheet HTML 23Page - Analog Devices AD7495ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD7475/AD7495
Rev. B | Page 24 of 24
ORDERING GUIDE
Model
Range
Linearity Error (LSB)1
Package Option2
Branding Information
AD7475AR
−40°C to +85°C
±1.5
SO-8
AD7475AR-REEL
−40°C to +85°C
±1.5
SO-8
AD7475AR-REEL7
−40°C to +85°C
±1.5
SO-8
AD7475BR
−40°C to +85°C
±1
SO-8
AD7475BR-REEL
−40°C to +85°C
±1
SO-8
AD7475BR-REEL7
−40°C to +85°C
±1
SO-8
AD7475ARM
−40°C to +85°C
±1.5
RM-8
C9A
AD7475ARM-REEL
−40°C to +85°C
±1.5
RM-8
C9A
AD7475ARM-REEL7
−40°C to +85°C
±1.5
RM-8
C9A
AD7475BRM
−40°C to +85°C
±1
RM-8
C9B
AD7475BRM-REEL
−40°C to +85°C
±1
RM-8
C9B
AD7475BRM-REEL7
−40°C to +85°C
±1
RM-8
C9B
AD7475BRMZ3
−40°C to +85°C
±1
RM-8
C3C
AD7475BRMZ-REEL3
−40°C to +85°C
±1
RM-8
C3C
AD7475BRMZ-REEL73
−40°C to +85°C
±1
RM-8
C3C
AD7495AR
−40°C to +85°C
±1.5
SO-8
AD7495AR-REEL
−40°C to +85°C
±1.5
SO-8
AD7495AR-REEL7
−40°C to +85°C
±1.5
SO-8
AD7495BR
−40°C to +85°C
±1
SO-8
AD7495BR-REEL
−40°C to +85°C
±1
SO-8
AD7495BR-REEL7
−40°C to +85°C
±1
SO-8
AD7495BRZ3
−40°C to +85°C
±1
SO-8
AD7495BRZ-REEL3
−40°C to +85°C
±1
SO-8
AD7495BRZ-REEL73
−40°C to +85°C
±1
SO-8
AD7495ARM
−40°C to +85°C
±1.5
RM-8
CCA
AD7495ARM-REEL
−40°C to +85°C
±1.5
RM-8
CCA
AD7495ARM-REEL7
−40°C to +85°C
±1.5
RM-8
CCA
AD7495ARMZ3
−40°C to +85°C
±1.5
RM-8
C3B
AD7495ARMZ-REEL3
−40°C to +85°C
±1.5
RM-8
C3B
AD7495ARMZ-REEL73
−40°C to +85°C
±1.5
RM-8
C3B
AD7495BRM
−40°C to +85°C
±1
RM-8
CCB
AD7495BRM-REEL
−40°C to +85°C
±1
RM-8
CCB
AD7495BRM-REEL7
−40°C to +85°C
±1
RM-8
CCB
EVAL-AD7495CB4
Evaluation Board
EVAL-AD7475CB
Evaluation Board
EVAL-CONTROL BRD25
Controller Board
1 Linearity error here refers to integral linearity error.
2 SO = SOIC; RM = MSOP.
3 Z = Pb-free part.
4 This can be used as a standalone evaluation board or in conjunction with the evaluation controller board for evaluation/demonstration purposes.
5 The evaluation board controller is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01684–0–5/05(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com