Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652ACP Datasheet(PDF) 13 Page - Analog Devices

Part # AD7652ACP
Description  16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652ACP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7652ACP Datasheet HTML 9Page - Analog Devices AD7652ACP Datasheet HTML 10Page - Analog Devices AD7652ACP Datasheet HTML 11Page - Analog Devices AD7652ACP Datasheet HTML 12Page - Analog Devices AD7652ACP Datasheet HTML 13Page - Analog Devices AD7652ACP Datasheet HTML 14Page - Analog Devices AD7652ACP Datasheet HTML 15Page - Analog Devices AD7652ACP Datasheet HTML 16Page - Analog Devices AD7652ACP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7652
FREQUENCY (kHz)
1
–120
–100
–80
–90
–70
–50
100
02966-0-031
1000
10
–60
140
0
100
20
40
60
80
SECOND
HARMONIC
SFDR
THIRD
HARMONIC
–110
THD
120
Figure 11. THD, Harmonics, and SFDR vs. Frequency
INPUT LEVEL (dB)
–60
82
87
02965-0-032
0
–50
–40
–30
–20
–10
83
84
85
86
SNR
S/[N+D]
Figure 12. SNR and S/(N+D) vs. Input Level (Referred to Full Scale)
TEMPERATURE (°C)
–55
85
89
02965-0-033
125
–35
–15
25
45
65
86
87
88
ENOB
585
105
14.00
14.50
14.13
14.25
14.38
SNR
S[N+D]
Figure 13. SNR, S/(N+D), and ENOB vs. Temperature
TEMPERATURE (°C)
–55
–120
–100
02965-0-034
125
–35
–15
25
45
65
–115
–105
SECOND
HARMONIC
585
105
THIRD
HARMONIC
THD
–110
Figure 14. THD and Harmonics vs. Temperature
SAMPLE RATE (SPS)
10
02965-0-036
1000000
100
10000
100000
10
1000
100
1000
10000
0.001
1
0.01
AVDD
OVDD
DVDD
PDREF = PDBUF = HIGH
0.1
Figure 15. Operating Current vs. Sample Rate
TEMPERATURE (°C)
–55
6
02965-0-040
125
–35
5
25
45
65
2
3
5
–15
85
105
4
0
1
–1
–3
–2
–5
–4
–6
ZERO ERROR
FULL SCALE
Figure 16. Zero Error, Full Scale with Reference vs. Temperature
Rev. 0 | Page 13 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com