Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7843 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices AD7843 Datasheet HTML 11Page - Analog Devices AD7843 Datasheet HTML 12Page - Analog Devices AD7843 Datasheet HTML 13Page - Analog Devices AD7843 Datasheet HTML 14Page - Analog Devices AD7843 Datasheet HTML 15Page - Analog Devices AD7843 Datasheet HTML 16Page - Analog Devices AD7843 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7843
Rev. B | Page 12 of 20
ANALOG INPUT
Figure 19 shows an equivalent circuit of the analog input
structure of the AD7843, which contains a block diagram of the
input multiplexer, the differential input of the ADC, and the
differential reference.
Table 5 shows the multiplexer address corresponding to each
analog input, both for the SER/DFR bit in the control register
set high and low. The control bits are provided serially to the
device via the DIN pin. For more information on the control
register, see the Control Register section.
When the converter enters hold mode, the voltage difference
between the +IN and −IN inputs (see Figure 19) is captured on
the internal capacitor array. The input current on the analog
inputs depends on the conversion rate of the device. During the
sample period, the source must charge the internal sampling
capacitor (typically 37 pF). Once the capacitor is fully charged,
there is no further input current. The rate of charge transfer
from the analog source to the converter is a function of
conversion rate.
Acquisition Time
The track-and-hold amplifier enters tracking mode on the
falling edge of the fifth DCLK after the START bit us detected
(see Figure 24). The time required for the track-and-hold
amplifier to acquire an input signal depends on how quickly the
37 pF input capacitance is charged. With zero source impedance
on the analog input, three DCLK cycles are always sufficient to
acquire the signal to the 12-bit level. With a source impedance
RIN on the analog input, the actual acquisition time required is
calculated using the formula:
(
)
pF
37
100
4
.
8
×
Ω
+
×
=
IN
ACQ
R
t
where RIN is the source impedance of the input signal and 100 Ω
and 37 pF is the input RC value. Depending on the frequency of
DCLK used, three DCLK cycles may or may not be sufficient to
acquire the analog input signal with various source impedance
values.
VCC
X+
X+ Y+
REF
EXT
X– Y– GND
X+
Y+
IN3
IN4
X–
Y+
Y–
ON-CHIP SWITCHES
4-TO-1
MUX
3-TO-1
MUX
3-TO-1
MUX
IN+
IN+
IN– REF–
REF+
ADC CORE
DATA OUT
Figure 19. Equivalent Analog Input Circuit
Table 5. Analog Input, Reference, and Touch Screen Control
A21
A11
A01
SER/DFR
Analog Input
X Switches
Y Switches
+REF2
–REF2
0
0
1
1
X+
OFF
ON
VREF
GND
0
1
0
1
IN3
OFF
OFF
VREF
GND
1
0
1
1
Y+
ON
OFF
VREF
GND
1
1
0
1
IN4
OFF
OFF
VREF
GND
0
0
1
0
X+
OFF
ON
Y+
Y−
1
0
1
0
Y+
ON
OFF
X+
X−
1
1
0
0
Outputs Identity Code, 1000 0000 0000
1 All remaining configurations are invalid addresses.
2 Internal node − not directly accessible by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com