Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7858LBR3
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR3 Datasheet(HTML) 5 Page - Analog Devices

  AD7858LBR3 Datasheet HTML 1Page - Analog Devices AD7858LBR3 Datasheet HTML 2Page - Analog Devices AD7858LBR3 Datasheet HTML 3Page - Analog Devices AD7858LBR3 Datasheet HTML 4Page - Analog Devices AD7858LBR3 Datasheet HTML 5Page - Analog Devices AD7858LBR3 Datasheet HTML 6Page - Analog Devices AD7858LBR3 Datasheet HTML 7Page - Analog Devices AD7858LBR3 Datasheet HTML 8Page - Analog Devices AD7858LBR3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7858/AD7858L
REV. B
–5–
TYPICAL TIMING DIAGRAMS
Figures 2 and 3 show typical read and write timing diagrams for
serial Interface Mode 2. The reading and writing occurs after
conversion in Figure 2, and during conversion in Figure 3. To
attain the maximum sample rate of 100 kHz (AD7858L) or
200 kHz (AD7858), reading and writing must be performed
during conversion as in Figure 3. At least 400 ns acquisition
time must be allowed (the time from the falling edge of BUSY
to the next rising edge of
CONVST) before the next conversion
begins to ensure that the part is settled to the 12-bit level. If the
user does not want to provide the
CONVST signal, the conver-
sion can be initiated in software by writing to the control register.
1.6mA
200 A
IOL
IOH
TO
OUTPUT
PIN
CL
100pF
+2.1V
Figure 1. Load Circuit for Digital Output Timing
Specifications
tCONVERT = 4.6 s MAX, 10 s MAX FOR L VERSION
t1 = 100ns MIN, t4 = 50/90ns MAX 5V/3V, t7 = 40/60ns MIN 5V/3V
t1
tCONVERT
t3
t4
t6
t2
t6
t9
t10
t11
t12
t7
t8
THREE-STATE
15
6
16
DB15
DB11
DB0
DB15
DB11
DB0
CONVST (I/P)
BUSY (O/P)
SYNC (I/P)
SCLK (I/P)
DOUT (O/P)
DIN (I/P)
THREE-
STATE
Figure 2. AD7858/AD7858L Timing Diagram for Interface Mode 2 (Reading/Writing After Conversion)
tCONVERT = 4.6 s MAX, 10 s MAX FOR L VERSION
t1 = 100ns MIN, t4 = 50/90ns MAX 5V/3V, t7 = 40/60ns MIN 5V/3V
t1
tCONVERT
t3
t4
t6
t2
t6
t9
t10
t11
t12
t7
t8
THREE-STATE
15
6
16
DB15
DB11
DB0
DB15
DB11
DB0
CONVST (I/P)
BUSY (O/P)
SYNC (I/P)
SCLK (I/P)
DOUT (O/P)
DIN (I/P)
THREE-
STATE
Figure 3. AD7858/AD7858L Timing Diagram for Interface Mode 2 (Reading/Writing During Conversion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com