Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205YRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8205YRZ
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205YRZ Datasheet(HTML) 3 Page - Analog Devices

  AD8205YRZ Datasheet HTML 1Page - Analog Devices AD8205YRZ Datasheet HTML 2Page - Analog Devices AD8205YRZ Datasheet HTML 3Page - Analog Devices AD8205YRZ Datasheet HTML 4Page - Analog Devices AD8205YRZ Datasheet HTML 5Page - Analog Devices AD8205YRZ Datasheet HTML 6Page - Analog Devices AD8205YRZ Datasheet HTML 7Page - Analog Devices AD8205YRZ Datasheet HTML 8Page - Analog Devices AD8205YRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD8205
Rev. | Page 3 of 12
SPECIFICATIONS
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Y and W Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
GAIN
Initial
50
50
V/V
Accuracy
VO ≥ 0.1 V dc, 25°C
±1
±1
%
Accuracy Over Temperature
Specified temperature range
±1.2
±1.2
%
Gain vs. Temperature
±30
±30
ppm/°C
VOLTAGE OFFSET
Offset Voltage (RTI)1
25°C
±2
±2
mV
Over Temperature (RTI)1
Specified temperature range
±4.5
±4.5
mV
Offset Drift
15
15
µV/°C
INPUT
Input Impedance
Differential
400
400
kΩ
Common Mode
200
200
kΩ
Input Voltage Range
Common mode, continuous
−2
65
−2
65
V
Differential2
100
100
mV
Common-Mode Rejection
25°C, f = dc to 20 kHz3
78
86
78
86
dB
Operating temperature range,
f = dc to 20 kHz3
76
80
76
80
dB
OUTPUT
Output Voltage Range
RL = 25 kΩ
0.05
4.8
0.05
4.8
V
Output Resistance
2
2
Ω
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
50
50
kHz
Slew Rate
0.5
0.5
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
20
20
µV p-p
Spectral Density, 1 kHz (RTI)1
0.5
0.5
µV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy4
Divider to supplies
0.497
0.503
0.497
0.503
V/V
Accuracy, RTO
Voltage applied to VREF1 and
VREF2 in parallel
±2
±2
mV/V
Output Offset Adjustment Range
VS = 5 V
0.05
4.8
0.05
4.8
V
VREF Divider Resistor Values
24
32
40
24
32
40
kΩ
POWER SUPPLY
Operating Range
4.5
5.5
4.5
5.5
V
Quiescent Current Over Temperature
VO = 0.1 V dc
2
2.2
mA
Power Supply Rejection Ratio
70
70
dB
Temperature Range
For Specified Performance
Operating temperature range
−40
+125
−40
+150
°C
1
RTI is referred to input.
2
Input voltage range = ±50 mV with half-scale offset.
3
Source imbalance < 2 Ω.
4
The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com