Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211YRJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8211YRJZ-R2
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211YRJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8211YRJZ-R2 Datasheet HTML 3Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 4Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 9Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 10Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8211
Rev. A | Page 7 of 16
110
40
0
250
DIFFERENTIAL INPUT VOLTAGE (mV)
100
90
80
70
60
50
25
50
75
100
125
150
175
200
225
VIN+
VIN–
Figure 10. Input Bias Current vs. Differential Input Voltage,
VCM = 5 V
0.8
–2.4
–5
65
INPUT COMMON-MODE VOLTAGE (V)
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
0
5
10
15
20
25
30
35
40
45
50
55
60
Figure 11. Input Bias Current vs. Input Common-Mode Voltage
4.0
1.0
–4
65
COMMON-MODE VOLTAGE (V)
3.5
3.0
2.5
2.0
1.5
–2
0
2
4
6
8
Figure 12. Supply Current vs. Common-Mode Voltage
TIME (500ns/DIV)
100mV/DIV
OUTPUT
1V/DIV
INPUT
Figure 13. Fall Time
TIME (500ns/DIV)
100mV/DIV
OUTPUT
1V/DIV
INPUT
Figure 14. Rise Time
TIME (1µs/DIV)
200mV/DIV
OUTPUT
2V/DIV
INPUT
Figure 15. Differential Overload Recovery (Falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com