Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8305ACP-R2
Description  100 dB Range (10 nA to 1 mA) ogarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8305ACP-R2 Datasheet HTML 1Page - Analog Devices AD8305ACP-R2 Datasheet HTML 2Page - Analog Devices AD8305ACP-R2 Datasheet HTML 3Page - Analog Devices AD8305ACP-R2 Datasheet HTML 4Page - Analog Devices AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8305
Rev. B | Page 3 of 24
SPECIFICATIONS
VP = 5 V, VN = 0 V, TA = 25°C, RREF = 200 kΩ, and VRDZ connected to VREF, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT INTERFACE
Pin 4, INPT, Pin 3, IREF
Specified Current Range, IPD
Flows toward INPT pin
10
nA
1
mA
Input Current Min/Max Limits
Flows toward INPT pin
10
mA
Reference Current, IREF, Range
Flows toward IREF pin
10
nA
1
mA
Summing Node Voltage
Internally preset; may be altered by the user
0.46
0.5
0.54
V
Temperature Drift
−40°C < TA < +85°C
0.015
mV/°C
Input Offset Voltage
VINPT − VSUM, VIREF − VSUM
−20
+20
mV
LOGARITHMIC OUTPUT
Pin 9, VLOG
Logarithmic Slope
190
200
210
mV/dec
−40°C < TA < +85°C
185
215
mV/dec
Logarithmic Intercept1
0.3
1
1.7
nA
−40°C < TA < +85°C
0.1
2.5
nA
Law Conformance Error
10 nA < IPD < 1 mA
0.1
0.4
dB
Wideband Noise2
IPD > 1 μA
0.7
mV√Hz
Small Signal Bandwidth2
IPD > 1 μA
0.7
MHz
Maximum Output Voltage
1.7
V
Minimum Output Voltage
Limited by VN = 0 V
0.01
V
Output Resistance
4.375
5
5.625
kΩ
REFERENCE OUTPUT
Pin 2, VREF
Voltage With Reference to Ground
2.435
2.5
2.565
V
−40°C < TA < +85°C
2.4
2.6
V
Maximum Output Current
Sourcing (grounded load)
20
mA
Incremental Output Resistance
Load current < 10 mA
2
Ω
OUTPUT BUFFER
Pin 10, BFIN; Pin 11, SCAL; Pin 12, VOUT
Input Offset Voltage
−20
+20
mV
Input Bias Current
Flowing out of Pin 10 or Pin 11
0.4
mA
Incremental Input Resistance
35
MΩ
Output Range
RL = 1 kΩ to ground
VP − 0.1
V
Incremental Output Resistance
Load current < 10 mA
0.5
Ω
Peak Source/Sink Current
25
mA
Small Signal Bandwidth
GAIN = 1
15
MHz
Slew Rate
0.2 V to 4.8 V output swing
15
V/μs
POWER SUPPLY
Pin 8, VPOS; Pin 6 and Pin 7, VNEG
Positive Supply Voltage
(VP − VN) ≤ 12 V
3
5
12
V
Quiescent Current
5.4
6.5
mA
Negative Supply Voltage (Optional)
(VP − VN) ≤ 12 V
−5.5
0
V
1 Other values of logarithmic intercept can be achieved by adjusting RREF.
2 Output noise and incremental bandwidth are functions of input current, measured using output buffer connected for GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com