Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8277 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8277
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8277 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8277 Datasheet HTML 16Page - Analog Devices AD8277 Datasheet HTML 17Page - Analog Devices AD8277 Datasheet HTML 18Page - Analog Devices AD8277 Datasheet HTML 19Page - Analog Devices AD8277 Datasheet HTML 20Page - Analog Devices AD8277 Datasheet HTML 21Page - Analog Devices AD8277 Datasheet HTML 22Page - Analog Devices AD8277 Datasheet HTML 23Page - Analog Devices AD8277 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8278/AD8279
Rev. C | Page 21 of 24
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 63. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8278ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8278ARZ-R7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8278ARZ-RL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8278BRZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8278BRZ-R7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8278BRZ-RL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8278ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
Y21
AD8278ARMZ-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y21
AD8278ARMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y21
AD8278BRMZ
−40°C to +85°C
8-Lead MSOP
RM-8
Y22
AD8278BRMZ-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y22
AD8278BRMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y22
AD8279ARZ
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8279ARZ-R7
−40°C to +85°C
14-Lead SOIC_N, 7" Tape and Reel
R-14
AD8279ARZ-RL
−40°C to +85°C
14-Lead SOIC_N, 13" Tape and Reel
R-14
AD8279BRZ
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8279BRZ-R7
−40°C to +85°C
14-Lead SOIC_N, 7" Tape and Reel
R-14
AD8279BRZ-RL
−40°C to +85°C
14-Lead SOIC_N, 13" Tape and Reel
R-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com