Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043FZ Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8043FZ
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043FZ Datasheet(HTML) 5 Page - Analog Devices

  DAC8043FZ Datasheet HTML 1Page - Analog Devices DAC8043FZ Datasheet HTML 2Page - Analog Devices DAC8043FZ Datasheet HTML 3Page - Analog Devices DAC8043FZ Datasheet HTML 4Page - Analog Devices DAC8043FZ Datasheet HTML 5Page - Analog Devices DAC8043FZ Datasheet HTML 6Page - Analog Devices DAC8043FZ Datasheet HTML 7Page - Analog Devices DAC8043FZ Datasheet HTML 8Page - Analog Devices DAC8043FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DAC8043
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
V
DD to GND
−0.3 V to +8 V
V
REF to GND
±18 V
V
RFB to GND
±18 V
Digital Input Voltage Range
−0.3 V to V
DD + 0.3 V
V
IOUT to GND
−0.3 V to V
DD + 0.3 V
Operating Temperature Range
FP Version
−40°C to +85°C
GP Version
0°C to 70°C
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
CAUTION
1. Do not apply voltages higher than VDD or less than GND
potential on any terminal except VREF and RFB.
2. The digital control inputs are Zener-protected; however,
permanent damage may occur on unprotected units from
high energy electrostatic fields. Keep units in conductive
foam at all times until ready to use.
3. Use proper antistatic handling procedures.
4. Absolute Maximum Ratings apply to both packaged devices
and dice. Stresses above those listed under the Absolute
Maximum Ratings may cause permanent damage to the
device.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
8-Lead PDIP
96
37
°C/W
16-Lead SOIC
92
27
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com