Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8043
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043 Datasheet(HTML) 1 Page - Analog Devices

  DAC8043 Datasheet HTML 1Page - Analog Devices DAC8043 Datasheet HTML 2Page - Analog Devices DAC8043 Datasheet HTML 3Page - Analog Devices DAC8043 Datasheet HTML 4Page - Analog Devices DAC8043 Datasheet HTML 5Page - Analog Devices DAC8043 Datasheet HTML 6Page - Analog Devices DAC8043 Datasheet HTML 7Page - Analog Devices DAC8043 Datasheet HTML 8Page - Analog Devices DAC8043 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12-Bit Serial Input Multiplying CMOS
Digital-to-Analog Converter
DAC8043
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit accuracy in an 8-lead PDIP and SOIC package
Fast serial data input
Double data buffers
Low ±½ LSB maximum INL and ±1 LSB maximum DNL
Maximum gain error: 2 LSB
Low ±5 ppm/°C maximum tempco
ESD resistant
Low cost
Available in die form
APPLICATIONS
Autocalibration systems
Process control and industrial automation
Programmable amplifiers and attenuators
Digitally controlled filters
FUNCTIONAL BLOCK DIAGRAM
12-BIT DAC
12-BIT
DAC REGISTER
12-BIT
SHIFT REGISTER
12
12
DAC8043
RFB
VREF
LD
CLK
SRI
GND
VDD
IOUT
RFB
Figure 1.
GENERAL DESCRIPTION
The DAC8043 is a high accuracy 12-bit CMOS multiplying
DAC in a space-saving 8-lead PDIP package. Featuring serial
data input, double buffering, and excellent analog performance,
the DAC8043 is ideal for applications where PC board space is
at a premium. In addition, improved linearity and gain error
performance permit reduced parts count through the elimination
of trimming components. Separate input clock and load DAC
control lines allow full user control of data loading and analog
output.
The circuit consists of a 12-bit serial-in, parallel-out shift register,
a 12-bit DAC register, a 12-bit CMOS DAC, and control logic.
Serial data is clocked into the input register on the rising edge
of the CLK pulse. When the new data word has been clocked
in, it is loaded into the DAC register with the LD input pin.
Data in the DAC register is converted to an output current by
the digital-to-analog converter (DAC).
The fast interface timing of the DAC8043 may reduce timing
design considerations while minimizing microprocessor wait
states. For applications requiring an asynchronous clear function
or more versatile microprocessor interface logic, refer to the
AD5443.
Operating from a single 5 V power supply, the DAC8043 is the
ideal low power, small size, high performance solution to many
application problems. It is available in a PDIP package that is
compatible with auto-insertion equipment. There is also a
16-lead SOIC package available.


Similar Part No. - DAC8043

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
DAC8043 TI-DAC8043 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC8043 TI2-DAC8043 Datasheet
213Kb / 13P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
23-May-2025
More results

Similar Description - DAC8043

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com