Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043FSZ Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8043FSZ
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043FSZ Datasheet(HTML) 4 Page - Analog Devices

  DAC8043FSZ Datasheet HTML 1Page - Analog Devices DAC8043FSZ Datasheet HTML 2Page - Analog Devices DAC8043FSZ Datasheet HTML 3Page - Analog Devices DAC8043FSZ Datasheet HTML 4Page - Analog Devices DAC8043FSZ Datasheet HTML 5Page - Analog Devices DAC8043FSZ Datasheet HTML 6Page - Analog Devices DAC8043FSZ Datasheet HTML 7Page - Analog Devices DAC8043FSZ Datasheet HTML 8Page - Analog Devices DAC8043FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DAC8043
Rev. E | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage
VDD
4.75
5
5.25
V
Supply Current
IDD
Digital inputs = VIH or VIL
500
μA
Digital inputs = 0 V or VDD
100
μA
1 ±1/2 LSB = ±0.012% of full scale.
2 All grades are monotonic to 12 bits over temperature.
3 Using internal feedback resistor.
4 Guaranteed by design and not tested.
5 Applies to IOUT; all digital inputs = 0 V.
6 VREF = 10 V; all digital inputs = 0 V.
7 Calculated from worst-case RREF: IZSE (in LSBs) = (RREF × ILKG × 4096)/VREF.
8 Absolute temperature coefficient is less than 300 ppm/°C.
9 IOUT load = 100 Ω , CEXT = 13 pF, digital input = 0 V to VDD or VDD to 0 V. Extrapolated to ½ LSB; tS = propagation delay (tPD) + 9τ
where τ = measured time constant of the final RC decay.
10 VREF = 0 V, all digital inputs = 0 V to VDD or VDD to 0 V.
11 All digit inputs = 0 V.
12 Calculations from en = √4K TRB
where:
K = Boltzmann constant, J/°K,
R = resistance, Ω,
T = resistor temperature, °K,
B = bandwidth, Hz.
13 Digital inputs are CMOS gates; IIN is typically 1 nA at 25°C.
14 Tested at VIN = 0 V or VDD.
WAFER TEST LIMITS
VDD = 5 V, VREF = 10 V; IOUT = GND = 0 V, TA = 25°C.
Table 2.
DAC8043GBC Limit
Parameter1
Symbol
Conditions
Min
Typ
Max
Unit
STATIC ACCURACY
Resolution
N
12
Bits
Integral Nonlinearity
INL
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Gain Error
GFSE
Using internal feedback resistor
±2
LSB
Power Supply Rejection Ratio
PSRR
ΔVDD = ±5%
±0.002
%/%
Output Leakage Current (IOUT)
ILKG
Digital inputs = VIL
±5
nA
REFERENCE INPUT
Input Resistance
RIN
7
15
DIGITAL INPUTS
Digital Input High
VIH
2.4
V
Digital Input Low
VIL
0.8
V
Input Leakage Current
IIL
VIN = 0 V to VDD
±1
μA
POWER SUPPLY
Supply Current
IDD
Digital inputs = VIN or VIL
500
μA
Digital inputs = 0 V or VDD
100
μA
1 Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult a factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com