Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3516 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3516
Description  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3516 Datasheet HTML 1Page - Anpec Electronics Coropration APL3516 Datasheet HTML 2Page - Anpec Electronics Coropration APL3516 Datasheet HTML 3Page - Anpec Electronics Coropration APL3516 Datasheet HTML 4Page - Anpec Electronics Coropration APL3516 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2011
APL3516
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN to GND Voltage
-0.3 ~ 4
V
VOUT
VOUT to GND Voltage
-0.3 ~ 4
V
VENB, VEN
EN, ENB to GND Voltage
-0.3 ~ 4
V
VOCB
OCB to GND Voltage
-0.3 ~ 4
V
TJ
Maximum Junction Temperature
-40 ~ 150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1 : Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8
160
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in
free air.
APL3516
Package Code
K : SOP-8
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
EN Function
A/C : Active High
B/D : Active Low
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
XXXXX - Date Code
APL3516A
XXXXX
EN Function
APL3516A K:
XXXXX - Date Code
APL3516B
XXXXX
APL3516B K:
XXXXX - Date Code
APL3516C
XXXXX
APL3516C K:
XXXXX - Date Code
APL3516D
XXXXX
APL3516D K:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com