Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

431 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 431
Description  RFID Transponder Coils - 4312RV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

431 Datasheet(HTML) 2 Page - Coilcraft lnc.

  431 Datasheet HTML 1Page - Coilcraft lnc. 431 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 461-2
Document 461-2 Revised 10/30/08
RFID Transponder Coils – 4312RV
Dimensions
Typical L vs Frequency
0.030
0,76
0.347
8,81
0.45
11,43
0.32
8,1
0.065
1,65
0.15
3,8
Recommended
Land Pattern
0.448
11,38
0.136
3,45
0.092
2,34
max
max
max
Note: Unless otherwise indicated, all part dimensions ±0.002/0,05
XXX
0
1
2
3
4
5
6
7
8
9
10
0.01
0.1
10
1
Frequency (MHz)
4.9 mH
7.2 mH
9.0 mH
1.0 mH
0.40 mH
2.38 mH
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com