Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3540 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3540
Description  High-Side Power Distribution Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3540 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3540 Datasheet HTML 1Page - Anpec Electronics Coropration APL3540 Datasheet HTML 2Page - Anpec Electronics Coropration APL3540 Datasheet HTML 3Page - Anpec Electronics Coropration APL3540 Datasheet HTML 4Page - Anpec Electronics Coropration APL3540 Datasheet HTML 5Page - Anpec Electronics Coropration APL3540 Datasheet HTML 6Page - Anpec Electronics Coropration APL3540 Datasheet HTML 7Page - Anpec Electronics Coropration APL3540 Datasheet HTML 8Page - Anpec Electronics Coropration APL3540 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Input Voltage (VIN to GND)
-0.3 to 35
V
VOUT, VDRV,
VOCSET, VPOK,
VVINSEL
VOUT, DRV, POK, OCSET and VINSEL to GND Voltage
-0.3 to 40
V
VEN
EN to GND Voltage
-0.3 to 7
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature,10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
APL3540
Handling Code
Temperature Range
Package Code
APL3540 K :
XXXXX - Date Code
Assembly Material
APL3540 QB :
X - Date Code
APL3540
XXXXX
3540
X
Package Code
K : SOP-8
QB : TDFN2x2-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
SCP Threshold Code
26 : 2.6V
28 : 2.8V
30 : 3.0V
Blanking : 3.5V
Assembly Material
G : Halogen and Lead Free Device
SCP Threshold Code
APL3540
XXXXX SS
3540
X SS
SS :
SCP Threshold Code
SS :
SCP Threshold Code
Thermal Characteristics (Note 2)
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
SOP-8
TDFN2x2-8
150
80
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com