Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008HQ-R10XFLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008HQ-R10XFLD
Description  Chip Inductors - 1008HQ (2520)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008HQ-R10XFLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008HQ-R10XFLD Datasheet HTML 1Page - Coilcraft lnc. 1008HQ-R10XFLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors– 1008HQ Series (2520)
Document 190-2
Document 190-2 Revised 01/18/12
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Frequency (MHz)
22 nH
10 nH
47 nH
3.0 nH
100 nH
68 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
Frequency (MHz)
110
100
1000
10000
3.0 nH
10 nH
22 nH
47 nH
68 nH
100 nH
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
Typical L vs Frequency
Typical Q vs Frequency
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
C
D
max
max
max* ref
E
F
G
H
I
J
0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
* Low profile parts: 0.050/1,27
Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com